Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MLDM1L-21P-4K5-18M Arkusz danych(PDF) 1 Page - Glenair, Inc.

Numer części MLDM1L-21P-4K5-18M
Szczegółowy opis  MLDM Low Profile Metal Shell Micro-D Insulated Wire Termination
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GLENAIR [Glenair, Inc.]
Strona internetowa  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MLDM1L-21P-4K5-18M Arkusz danych(HTML) 1 Page - Glenair, Inc.

  MLDM1L-21P-4K5-18M Datasheet HTML 1Page - Glenair, Inc. MLDM1L-21P-4K5-18M Datasheet HTML 2Page - Glenair, Inc. MLDM1L-21P-4K5-18M Datasheet HTML 3Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Q
Low profile MLDM connectors have reduced flange height compared to standard
MWDM Micro-D connectors. These .050" pitch Micro-D connectors are supplied
with stranded mil spec hookup wire. Contacts are crimped to wire and potted
with epoxy. Pin contacts are gold-plated high performance TwistPin type and
are recessed into insulator to prevent damage. Socket contacts are gold plated,
machined copper alloy. Machined aluminum shell. Glass-filled high temperature
LCP thermoplastic insulators. M22759/11 standard wire, or M22959/33
lightweight, high strength space grade wire. Meets performance requirements of
MIL-DTL-83513. Available with 9 to 51 contacts. 3 A., 600 Vac, -55°C to +150°C.
Table I: Mounting Hardware
B
P
M
M1
S
S1
L
K
F
R
H
Thru-Hole
Jackpost
#2-56
Hex Head
Jackscrew
#2-56
Hex Head
Jackscrew,
Extended
#2-56
Slot Head
Jackscrew
#2-56
Slot Head
Jackscrew,
Extended
#2-56
Hex Head
Jackscrew
Non-
Removable
#2-56
Slot Head
Jackscrew
Non-
Removable
Extended
#2-56
Float
Mount
For Front
Panel
Mounting
Float
Mount
For Rear
Panel
Mounting
Threaded
Insert
#2-56
MLDM Low Profile Metal Shell Micro-D
Insulated Wire Termination
How To order Insulated Wire Connector
Sample Part number
MLDM2L
-31
P
-6
K
5
-18
M
Series
MLDM1L
Low Profile Metal Shell Micro-D
With Yellow Chromate Over
Cadmium Finish
MLDM32L
Low Profile Metal Shell Micro-D
With Black Zinc Nickel Shell
Finish
MLDM2L
Low Profile Metal Shell Micro-D
With Electroless Nickel Shell Finish
MLDM33L
Low Profile Metal Shell Micro-D
With Nickel-Fluorocarbon Shell
Finish
Contact Layout
9, 15, 21, 25, 31, 37, 51, 51-2 (See Table II)
Contact Type
P - Pin S - Socket
Wire Gage (AWG)
4 - #24 6 - #26 8 - #28 0 - #30 (J wire type only)
Wire Type
K
Standard Wire Extruded PTFE
per M22759/11, Silver-Plated
Conductors
J
Space Grade Wire High Strength,
Lightweight, Crosslinked Modified ETFE
per M22759/33, Silver-Plated Conductors
Wire color Code
1 - White 5 - Color-Coded per MIL-STD-681
7 - 10 Color Repeat (Wires are solid color per MIL-STD-681 color code system.)
Wire Length
Wire Length In Inches
Example: 18 = 18 inches;
Mounting Hardware
B, M, M1, S, S1, L, F, H, P, K, R
© 2013 Glenair, Inc.
High Performance Micro-D Connectors and Cables
U.S. CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
www.glenair.com
E-5
E-Mail: sales@glenair.com


Podobny numer części - MLDM1L-21P-4K5-18M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Glenair, Inc.
MLDM1L-21S-4K5-18B GLENAIR-MLDM1L-21S-4K5-18B Datasheet
233Kb / 3P
   MLDM Low Profile Metal Shell Micro-D Insulated Wire Termination
MLDM1L-21S-4K7-4B GLENAIR-MLDM1L-21S-4K7-4B Datasheet
233Kb / 3P
   MLDM Low Profile Metal Shell Micro-D Insulated Wire Termination
More results

Podobny opis - MLDM1L-21P-4K5-18M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Glenair, Inc.
MLDM1L-15P-4K5-18F GLENAIR-MLDM1L-15P-4K5-18F Datasheet
233Kb / 3P
   MLDM Low Profile Metal Shell Micro-D Insulated Wire Termination
MLDM1L-15P-6K5-18H GLENAIR-MLDM1L-15P-6K5-18H Datasheet
233Kb / 3P
   MLDM Low Profile Metal Shell Micro-D Insulated Wire Termination
MLDM1L-15S-4K5-18S1 GLENAIR-MLDM1L-15S-4K5-18S1 Datasheet
233Kb / 3P
   MLDM Low Profile Metal Shell Micro-D Insulated Wire Termination
MLDM1L-25P-6K5-18P GLENAIR-MLDM1L-25P-6K5-18P Datasheet
233Kb / 3P
   MLDM Low Profile Metal Shell Micro-D Insulated Wire Termination
MLDM1L-21S-4K5-18B GLENAIR-MLDM1L-21S-4K5-18B Datasheet
233Kb / 3P
   MLDM Low Profile Metal Shell Micro-D Insulated Wire Termination
MLDM1L-21S-4K7-4B GLENAIR-MLDM1L-21S-4K7-4B Datasheet
233Kb / 3P
   MLDM Low Profile Metal Shell Micro-D Insulated Wire Termination
MLDM1L-15P-4K5-18M GLENAIR-MLDM1L-15P-4K5-18M Datasheet
233Kb / 3P
   MLDM Low Profile Metal Shell Micro-D Insulated Wire Termination
MLDM1L-37S-6C4-.250B GLENAIR-MLDM1L-37S-6C4-.250B Datasheet
233Kb / 3P
   MLDM Low Profile Metal Shell Micro-D Insulated Wire Termination
MLDM1L9P-8K7-18M GLENAIR-MLDM1L9P-8K7-18M Datasheet
233Kb / 3P
   MLDM Low Profile Metal Shell Micro-D Insulated Wire Termination
MLDM1L-15S-6K5-18H GLENAIR-MLDM1L-15S-6K5-18H Datasheet
233Kb / 3P
   MLDM Low Profile Metal Shell Micro-D Insulated Wire Termination
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com