Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ICO310-N3160-PB-DC Arkusz danych(PDF) 1 Page - Axiomtek Co., Ltd.

Numer części ICO310-N3160-PB-DC
Szczegółowy opis  Robust DIN-rail Fanless Embedded System with Intel짰 Celeron짰 Processor N3060/N3160, 2 COM, 4 USB, 2 GbE LANs (1 PoE PD), DIO and RTC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AXIOMTEK [Axiomtek Co., Ltd.]
Strona internetowa  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

ICO310-N3160-PB-DC Arkusz danych(HTML) 1 Page - Axiomtek Co., Ltd.

  ICO310-N3160-PB-DC Datasheet HTML 1Page - Axiomtek Co., Ltd. ICO310-N3160-PB-DC Datasheet HTML 2Page - Axiomtek Co., Ltd. ICO310-N3160-PB-DC Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
377
* All specifications and photos are subject to change without notice.
Standard Color
White
Construction
Extruded aluminum and heavy-duty steel, IP40
CPU
Intel® Celeron® processor N3060 (1.6 GHz/2-core) or
N3160 (1.6 GHz/4-core)
System Board
SBC87887
System Memory
1 x DDR3L-1600 SO-DIMM, up to 8GB
BIOS
AMI UEFI BIOS
System I/O Outlet
Serial Port
2 x RS-232/422/485 (COM 1/2) with DB9
connectors
Interface select by BIOS
Supports Auto Flow Control in RS-485 mode
USB
2 x USB 3.0
2 x USB 2.0
RTC
Battery onboard
Storage
1 x mSATA
1 x SATA SSD (or HDD)
LAN
2 x 10/100/1000 Mbps Ethernet
(Intel® i211AT)
1 x PoE PD compliant with IEEE 802.3at
standard through LAN 1 (ICO310-N3060-
PD-DC, ICO310-N3160-PD-DC)
Power Input
DC terminal block: 12 ~ 24V DC-In
PoE: IEEE 802.3at
Display
VGA
Wireless
2 x full-size PCI Express Mini Card slots
1 x SIM socket
3 x Antenna
(PS: one of Mini Card slots co-lay
mSATA, supports either mSATA or full size
PCI Express Mini Card)
DIO
1 x DIO
- DB9 8-bit programming connector
- The voltage of TTL is 5V.
- Without isolation function
- The programming is as follow:
1. I/O sink current is 8 ~ 10mA
(Output drive current ±50 mA)
2. Input/Output can programming
Specifications
Watchdog Timer
255 levels, 1 ~ 255 sec.
System Indicator
Power, active, COMs (TX/RX)
Power Supply
Power Input Range: 12 ~ 24 VDC
Power Input Rating: 12 ~ 24 VDC, 2.09 ~ 1.09A
Power Protection: DC Version
OVP, Reverse protection
Operating Temperature
-20°C ~ +60°C (-4°F ~ +140°F)
*The frequency of CPU will down when system operating
temperature over +55°C (ICO310-N3060, ICO310-N3060-PD,
ICO310-N3160) or over +50°C (ICO310-N3160-PD)
Humidity
10% ~ 95%
Vibration Endurance
2G @ 5 ~ 500Hz, amplitude 0.35 mm
(operation/storage/transport)
Weight
1.0 kg (2.2 lb)/1.50 kg (3.3 lb)
Certificate
CE, FCC
Dimensions
48 mm (1.88") (W) x 110 mm (4.33") (D) x 155 mm (6.1") (H)
Mounting
DIN-rail, wall mount
OS Support
Windows® 7 Embedded
Windows® 8 Embedded
Windows® 8, Windows® 10
Linux support package
Remote Management
Software
AXView 2.0
Intelligent Remote Management Solution for IoT
* mSATA and wireless can be either one.
Rear view
Top view
Power DC-In
Front view
1 x VGA
2 x COM
1 x PD + 10/100/1000 Mbps LAN
1 x DIO
ICO310
Fanless design
Intel® Celeron® processor N3060 (1.6 GHz/2-core)
or N3160 (1.6 GHz/4-core)
2 RS-232/422/485 ports
4 USB ports
2 isolated 10/100/1000 Mbps Ethernet ports
1 PoE PD compliant with IEEE 802.3at standard through LAN 1
1 DIO port
Supports wireless (3G/GPRS & Wi-Fi)
1 mSATA & SATA SSD (or HDD)
12 ~ 24 VDC wide range power input
Features
Robust DIN-rail Fanless Embedded System with Intel® Celeron® Processor
N3060/N3160, 2 COM, 4 USB, 2 GbE LANs (1 PoE PD), DIO and RTC
IP40
EN60950
Fanless
Low Power
Ext. Temp
AXView
Updated Apr. 25, 2017.


Podobny numer części - ICO310-N3160-PB-DC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Axiomtek Co., Ltd.
ICO310-N3160-PB-DC AXIOMTEK-ICO310-N3160-PB-DC Datasheet
301Kb / 3P
   Robust DIN-rail Fanless Embedded System with Intel짰 Celeron짰 Processor N3060/N3160, 2 COM, 4 USB, 2 GbE LANs (1 PoE PD), DIO and RTC
More results

Podobny opis - ICO310-N3160-PB-DC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Axiomtek Co., Ltd.
ICO310-N3160-PB-PD-DC AXIOMTEK-ICO310-N3160-PB-PD-DC Datasheet
301Kb / 3P
   Robust DIN-rail Fanless Embedded System with Intel짰 Celeron짰 Processor N3060/N3160, 2 COM, 4 USB, 2 GbE LANs (1 PoE PD), DIO and RTC
ICO300-E3815-WT AXIOMTEK-ICO300-E3815-WT Datasheet
347Kb / 3P
   Robust DIN-rail Fanless Embedded System with Intel짰 Atom??Processor E3815/E3827, 4 COM, 2 LANs, DIO and RTC
BOX510-6COM AXIOMTEK-BOX510-6COM Datasheet
411Kb / 3P
   Robust DIN-rail Fanless Embedded System with Intel짰 Atom??Processor E3827 1.75 GHz), 6 COM, SATA SSD, DIO, 2 GbE LANs and RTC
ICO100-839-E3930-DC AXIOMTEK-ICO100-839-E3930-DC Datasheet
319Kb / 3P
   Robust DIN-rail Fanless Embedded System with Intel짰 Atom??x5-E3930 Processor, 2 COM, 1 LAN, 2 USB and 1 DIO
EBOX565-312-FL AXIOMTEK-EBOX565-312-FL Datasheet
342Kb / 1P
   Fanless Embedded System with Intel짰 Celeron짰 processor N3350, 2 HDMI, 4 USB 3.0, 2 COM, 1 GbE and 1 CH PoE
EBOX627-312-FL AXIOMTEK-EBOX627-312-FL Datasheet
318Kb / 1P
   Fanless Embedded System with Intel짰 Celeron짰 N3350 2.4 GHz, 1 HDMI, 2 GbE LANs 6 USB, 4 COM and 9 ~ 36 VDC
RBOX610 AXIOMTEK-RBOX610 Datasheet
401Kb / 2P
   Robust Din-rail Fanless Embedded System with RISC-based (iMX-287) Processor 4 COM, 2 CAN Bus and DIO
EBOX660-872-I5-2.7G AXIOMTEK-EBOX660-872-I5-2.7G Datasheet
339Kb / 2P
   Fanless Embedded System with Socket G2 Intel짰 Core??i7/i5/i3 & Celeron짰 Processor and 4 GbE LANs
IFB122 AXIOMTEK-IFB122_17 Datasheet
274Kb / 2P
   Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6UL Processor 2 COM
EBOX625-841-FL AXIOMTEK-EBOX625-841-FL Datasheet
196Kb / 1P
   Fanless Embedded System with Intel Atom Processor E3826 1.46GHz, HDMI, VGA, 2 GbE LAN, 4 USB and 2 COM
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com