Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PICO843VGA-J1900 Arkusz danych(PDF) 1 Page - Axiomtek Co., Ltd.

Numer części PICO843VGA-J1900
Szczegółowy opis  Pico-ITX SBC with Intel짰 Celeron짰 Processor J1900/N2807, LVDS/VGA, LAN and Audio
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AXIOMTEK [Axiomtek Co., Ltd.]
Strona internetowa  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

PICO843VGA-J1900 Arkusz danych(HTML) 1 Page - Axiomtek Co., Ltd.

  PICO843VGA-J1900 Datasheet HTML 1Page - Axiomtek Co., Ltd. PICO843VGA-J1900 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
155
* All specifications and photos are subject to change without notice.
Standard
PICO843VGA-J1900
(P/N: E38H843100)
Pico-ITX SBC with Intel® Celeron® processor J1900
(2 GHz-2.42 GHz, 2 MB Cache, 10W), VGA/LVDS, 1 GbE LAN
and audio
PICO843VGA-N2807
(P/N: E38H843101)
Pico-ITX SBC with Intel® Celeron® processor N2807
(1.58 GHz-2.16 GHz, 1 MB Cache, 4.3W), VGA/LVDS,
1 GbE LAN and audio
CPU
Intel® Celeron® processor J1900/N2807 onboard
System Memory
1 x 204-pin DDR3L-1066/1333 SO-DIMM, up to 8GB
Chipset
SoC integrated
BIOS
AMI
SSD
N/A
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x Full-size PCI Express Mini Card with mSATA
1 x Half-size PCI Express Mini Card
Battery Lithium
Lithium 3V/220mAH
Power Input
1 x 4-pin connector
+12V DC-in only
AT Auto Power On function supported
Power Requirements
Intel® Celeron® J1900 @ 2 GHz 4GB DDR3L
Size
100 x 72 mm
Board Thickness
1.6 mm
Temperature
-20°C ~ +70°C (-4°F ~ 158°F), operation
Relative Humidity
10% ~ 95% relative humidity, non-condensing
MIO
2 x RS-232/422/485
SATA
1 x SATA-300
Hardware Monitoring
Detect CPU/system temperature and voltage
Ethernet
1 port 10/100/1000 Mbps supports Wake-on-LAN, PXE Boot
ROM with Intel® i211AT
Audio
HD Codec audio as MIC-in/Line-out with Realtek ALC662
USB
4 x USB 2.0
SMBus
System Management Bus for advanced monitoring/control
Digital I/O
NA
TPM
ST ST33TPM12LPC with TPM 1.2 compliant
Chipset
Intel® HD Graphics
Memory Size
Share System memory
Display Interface
1 x VGA
1 x LVDS; 18/24-bit single/dual channel
Standard
Quick installation guide, user’s manual/utility CD and cable
Accessories
Part Number
Description
Qty
85932831000E
AX93283 I/O board
1
85932671000E
AX93267 I/O board
1
59406308010E
SATA cable
1
594P8800600E
SATA power cable
1
5078H843000E
Heatspreader
1
5078H100200E
Heatsink
1
Ordering Information
Core System
Display
Packing List
I/O
Assembly view
Rear view
Half-size PCIe
Mini Card
Full-size PCIe
Mini Card with
mSATA supported
SIM slot
DDR3L SO-DIMM
PICO843
Pico-ITX SBC with Intel® Celeron® Processor J1900/N2807, LVDS/VGA,
LAN and Audio
Features
Intel® Celeron® processor J1900/N2807 onboard
1 DDR3L-1066/1333 SO-DIMM, up to 8GB
4 USB 2.0 ports
2 COM ports
2 PCI Express Mini Cards
DDR3L
DDR3L
DDR3L
PCIe Mini
PCIe Mini
PCIe Mini
+12V
AiRD
Full Solid
Cap Design
Low Power
DualView
Ethernet
VGA
+12V power input
COM 1/2
USB 2.0 1/2/3/4
Poweron/off, reset, LED
LVDS
Audio
SATA


Podobny numer części - PICO843VGA-J1900

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Axiomtek Co., Ltd.
PICO843 AXIOMTEK-PICO843 Datasheet
402Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
PICO843 AXIOMTEK-PICO843_17 Datasheet
303Kb / 1P
   Pico-ITX SBC with Intel Celeron Processor J1900/N2807, LVDS/VGA
More results

Podobny opis - PICO843VGA-J1900

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Axiomtek Co., Ltd.
PICO843 AXIOMTEK-PICO843_17 Datasheet
303Kb / 1P
   Pico-ITX SBC with Intel Celeron Processor J1900/N2807, LVDS/VGA
PICO842 AXIOMTEK-PICO842_17 Datasheet
368Kb / 1P
   Pico-ITX SBC with Intel Celeron Processor J1900/N2807, LVDS/VGA (HDMI)
NANO842 AXIOMTEK-NANO842_17 Datasheet
338Kb / 1P
   Nano-ITX SBC with Intel Celeron Processor J1900/N2807, LVDS/VGA/HDMI
CAPA848 AXIOMTEK-CAPA848_17 Datasheet
255Kb / 1P
   3.5 Embedded SBC with Intel짰 Celeron짰 Processor N2807, LVDS/VGA/HDMI
PICO841 AXIOMTEK-PICO841_17 Datasheet
302Kb / 1P
   Pico-ITX SBC with Intel Atom Processor E3845/E3827, LVDS/VGA, LAN and Audio
logo
Advantech Co., Ltd.
PCM-9586 ADVANTECH-PCM-9586 Datasheet
341Kb / 2P
   Intel짰 Celeron짰 M Processor 5.25" SBC with LAN/LVDS/Audio
24-Mar-2009
logo
Axiomtek Co., Ltd.
PICO880PGA-I7-4650U AXIOMTEK-PICO880PGA-I7-4650U Datasheet
245Kb / 2P
   Pico-ITX SBC with 4th/5th Gen Intel짰 Core??i7/i5/i3 & Celeron짰 Processor, DisplayPort/LVDS, LAN and Audio
PICO880PGA-C-2980U AXIOMTEK-PICO880PGA-C-2980U Datasheet
245Kb / 2P
   Pico-ITX SBC with 4th/5th Gen Intel짰 Core??i7/i5/i3 & Celeron짰 Processor, DisplayPort/LVDS, LAN and Audio
AX93275 AXIOMTEK-AX93275 Datasheet
245Kb / 2P
   Pico-ITX SBC with 4th/5th Gen Intel짰 Core??i7/i5/i3 & Celeron짰 Processor, DisplayPort/LVDS, LAN and Audio
logo
Advantech Co., Ltd.
AIMB-215-B1 ADVANTECH-AIMB-215-B1 Datasheet
701Kb / 2P
   Intel짰 Celeron짰 Quad Core J1900/N2930/N2807 Mini-ITX with CRT/LVDS/DP, 6 COM, and Dual LAN
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com