Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

540-88-028-24-008 Arkusz danych(PDF) 1 Page - Precid-Dip Durtal SA

Numer części 540-88-028-24-008
Szczegółowy opis  PGA / BGA / PLCC SOCKETS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PREDIP [Precid-Dip Durtal SA]
Strona internetowa  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

540-88-028-24-008 Arkusz danych(HTML) 1 Page - Precid-Dip Durtal SA

  540-88-028-24-008 Datasheet HTML 1Page - Precid-Dip Durtal SA 540-88-028-24-008 Datasheet HTML 2Page - Precid-Dip Durtal SA 540-88-028-24-008 Datasheet HTML 3Page - Precid-Dip Durtal SA 540-88-028-24-008 Datasheet HTML 4Page - Precid-Dip Durtal SA 540-88-028-24-008 Datasheet HTML 5Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PGA / BGA / PLCC SOCKETS
SERIES
540
540-88-028-24-008
PLCC
Socket for Plastic Leaded Chip Carrier (PLCC), Solder tail
PLCC sockets, solder tail, with precision stamped
contacts providing component retention thanks to positive
spring action.
TECHNICAL SPECS.:
Insulator
Glass filled thermoplastic PPS-GF40-FR
Flammability
UL 94V-O
Contact
Phosphor bronze
Mechanical life
Min. 25 cycles
Rated current
1 A
Contact resistance
Max. 30 m
Dielectric strength
Min. 500 V RMS
Insulation resistance
Min. 1000 M
Capacitance
Max. 1 pF
ORDERING INFORMATION:
PP Plating code
Sleeve
Clip
88
Tin
Tin
ADVANCED INFORMATION:
Order Codes
No of
poles
A1/A2
B1/B2
C1/C2
D
E
540-88-028-24-008
28
18.09
7.62
11.2
22.12
540-88-032-24-008
32
18.04/2
0.06
7.62/10.
16
11.2/13.
6
23.12
PRECI-DIP SA
Rue Saint-Henri 11
P.P.Box 834
CH-2800 Delémont / Switzerland
PHONE
+41 (0)32 421 04 00
FAX
+41 (0)32 421 04 01
E-MAIL
sales@precidip.com
www.precidip.com


Podobny numer części - 540-88-028-24-008

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Precid-Dip Durtal SA
540-88-028-24-008 PREDIP-540-88-028-24-008 Datasheet
25Kb / 5P
   PGA / BGA / PLCC SOCKETS
540-88-028-24-008 PREDIP-540-88-028-24-008 Datasheet
26Kb / 5P
   PGA / BGA / PLCC SOCKETS
More results

Podobny opis - 540-88-028-24-008

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Precid-Dip Durtal SA
540-88-032-17-400-2 PREDIP-540-88-032-17-400-2 Datasheet
23Kb / 5P
   PGA / BGA / PLCC SOCKETS
550-10-352M26-001152 PREDIP-550-10-352M26-001152 Datasheet
20Kb / 4P
   PGA / BGA / PLCC SOCKETS
540-88-068-24-008 PREDIP-540-88-068-24-008 Datasheet
25Kb / 5P
   PGA / BGA / PLCC SOCKETS
510-83-257-19-081101 PREDIP-510-83-257-19-081101 Datasheet
23Kb / 4P
   PGA / BGA / PLCC SOCKETS
540-88-032-17-400 PREDIP-540-88-032-17-400 Datasheet
23Kb / 5P
   PGA / BGA / PLCC SOCKETS
540-88-044-17-400 PREDIP-540-88-044-17-400 Datasheet
23Kb / 5P
   PGA / BGA / PLCC SOCKETS
540-88-032-17-400-TR PREDIP-540-88-032-17-400-TR Datasheet
23Kb / 5P
   PGA / BGA / PLCC SOCKETS
510-83-179-18-112101 PREDIP-510-83-179-18-112101 Datasheet
23Kb / 4P
   PGA / BGA / PLCC SOCKETS
540-88-020-17-400 PREDIP-540-88-020-17-400 Datasheet
23Kb / 5P
   PGA / BGA / PLCC SOCKETS
540-88-084-24-008 PREDIP-540-88-084-24-008 Datasheet
26Kb / 5P
   PGA / BGA / PLCC SOCKETS
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com