Zakładka z wyszukiwarką danych komponentów |
|
GS8321Z18AD-250IV Arkusz danych(PDF) 9 Page - GSI Technology |
|
GS8321Z18AD-250IV Arkusz danych(HTML) 9 Page - GSI Technology |
9 / 32 page GS8321Z18/32/36AD-xxxV Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.03 8/2013 9/31 © 2011, GSI Technology Deselect New Read New Write Burst Read Burst Write W R B R B W D D B B W R D B W R D D Current State (n) Next State (n+1) Transition ƒ Input Command Code Key Notes: 1. The Hold command (CKE Low) is not shown because it prevents any state change. 2. W, R, B, and D represent input command codes as indicated in the Synchronous Truth Table. Clock (CK) Command Current State Next State ƒ n n+1 n+2 n+3 ƒƒƒ Current State and Next State Definition for Pipelined and Flow Through Read/Write Control State Diagram W R Pipelined and Flow Through Read Write Control State Diagram |
Podobny numer części - GS8321Z18AD-250IV |
|
Podobny opis - GS8321Z18AD-250IV |