Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS74116AX-8I Arkusz danych(PDF) 1 Page - GSI Technology

Numer części GS74116AX-8I
Szczegółowy opis  256K x 16 4Mb Asynchronous SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GSI [GSI Technology]
Strona internetowa  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS74116AX-8I Arkusz danych(HTML) 1 Page - GSI Technology

  GS74116AX-8I Datasheet HTML 1Page - GSI Technology GS74116AX-8I Datasheet HTML 2Page - GSI Technology GS74116AX-8I Datasheet HTML 3Page - GSI Technology GS74116AX-8I Datasheet HTML 4Page - GSI Technology GS74116AX-8I Datasheet HTML 5Page - GSI Technology GS74116AX-8I Datasheet HTML 6Page - GSI Technology GS74116AX-8I Datasheet HTML 7Page - GSI Technology GS74116AX-8I Datasheet HTML 8Page - GSI Technology GS74116AX-8I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
GS74116AGP/X
256K x 16
4Mb Asynchronous SRAM
8, 10, 12 ns
3.3 V VDD
Center VDD and VSS
TSOP, FP-BGA
Commercial Temp
Industrial Temp
Rev: 1.10 1/2013
1/13
© 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• Fast access time: 8, 10, 12 ns
• CMOS low power operation: 130/105/95 mA at minimum
cycle time
• Single 3.3 V power supply
• All inputs and outputs are TTL-compatible
• Byte control
• Fully static operation
• Industrial Temperature Option: –40° to 85°C
• Package line up
GP: RoHS-compliant 400 mil, 44-pin TSOP Type II
package
X:
6 mm x 10 mm Fine Pitch Ball Grid Array package
GX: RoHS-compliant 6 mm x 10 mm Fine Pitch Ball Grid
Array package
• RoHS-compliant TSOP-II, and FP-BGA packages available
Description
The GS74116A is a high speed CMOS Static RAM organized
as 262,144 words by 16 bits. Static design eliminates the need
for external clocks or timing strobes. The GS operates on a
single 3.3 V power supply and all inputs and outputs are TTL-
compatible. The GS74116A is available in a 6 x 10 mm Fine
Pitch BGA package and 400 mil TSOP Type-II packages.
Pin Descriptions
Symbol
Description
A0–A17
Address input
DQ1–DQ16
Data input/output
CE
Chip enable input
LB
Lower byte enable input
(DQ1 to DQ8)
UB
Upper byte enable input
(DQ9 to DQ16)
WE
Write enable input
OE
Output enable input
VDD
+3.3 V power supply
VSS
Ground
NC
No connect
1
2
3
4
5
6
A
LB
OE
A0
A1
A2
NC
B
DQ16
UB
A3
A4
CE
DQ1
C
DQ14 DQ15
A5
A6
DQ2
DQ3
D
VSS DQ13
A17
A7
DQ4
VDD
E
VDD DQ12
NC
A16
DQ5
VSS
F
DQ11 DQ10
A8
A9
DQ7
DQ6
G
DQ9
NC
A10
A11
WE
DQ8
H
NC
A12
A13
A14
A15
NC
FP-BGA 256K x 16 Bump Configuration (Package X)
6 x 10 mm Substrate
Top View
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
A4
A3
A2
A1
A0
CE
DQ1
DQ2
DQ3
DQ4
VDD
VSS
DQ5
DQ6
DQ7
DQ8
WE
A15
A14
A13
A5
A6
A7
OE
UB
LB
DQ16
DQ15
DQ14
DQ13
VSS
VDD
DQ12
DQ11
DQ10
DQ9
NC
A8
A9
A10
Top view
21
22
24
23
A12
A11
44 pin
TSOP II
A17
A16
TSOP-II 256K x 16 Pin Configuration (Package GP)


Podobny numer części - GS74116AX-8I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS74116AX-8I GSI-GS74116AX-8I Datasheet
433Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AX-8I GSI-GS74116AX-8I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AX-8I GSI-GS74116AX-8I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AX-8IT GSI-GS74116AX-8IT Datasheet
433Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
More results

Podobny opis - GS74116AX-8I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74117AX GSI-GS74117AX Datasheet
348Kb / 12P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12I GSI-GS74116AGP-12I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116A GSI-GS74116A Datasheet
433Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGX-10I GSI-GS74116AGX-10I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74104TP GSI-GS74104TP Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N04L163WC2A NANOAMP-N04L163WC2A Datasheet
265Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
logo
GSI Technology
GS74104ATP GSI-GS74104ATP Datasheet
489Kb / 11P
   1M x 4 4Mb Asynchronous SRAM
GS74108ATP GSI-GS74108ATP Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS74108TP-10 ETC-GS74108TP-10 Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com