Zakładka z wyszukiwarką danych komponentów |
|
GS8128218GB-250I Arkusz danych(PDF) 10 Page - GSI Technology |
|
GS8128218GB-250I Arkusz danych(HTML) 10 Page - GSI Technology |
10 / 37 page GS8128218/36(GB/GD)-400/333/250/200 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.01 5/2017 10/36 © 2015, GSI Technology Byte Write Truth Table Function GW BW BA BB BC BD Notes Read H H X X X X 1 Write No Bytes H L H H H H 1 Write byte a H L L H H H 2, 3 Write byte b H L H L H H 2, 3 Write byte c H L H H L H 2, 3, 4 Write byte d H L H H H L 2, 3, 4 Write all bytes H L L L L L 2, 3, 4 Write all bytes L X X X X X Notes: 1. All byte outputs are active in read cycles regardless of the state of Byte Write Enable inputs, BA, BB, BC and/or BD. 2. Byte Write Enable inputs BA, BB, BC and/or BD may be used in any combination with BW to write single or multiple bytes. 3. All byte I/Os remain High-Z during all write operations regardless of the state of Byte Write Enable inputs. 4. Bytes “C” and “D” are only available on the x32 and x36 versions. |
Podobny numer części - GS8128218GB-250I |
|
Podobny opis - GS8128218GB-250I |