Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LFCN-1575 Arkusz danych(PDF) 1 Page - Mini-Circuits

Numer części LFCN-1575
Szczegółowy opis  Low Pass Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MINI [Mini-Circuits]
Strona internetowa  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LFCN-1575 Arkusz danych(HTML) 1 Page - Mini-Circuits

  LFCN-1575 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Outline Drawing
Maximum Ratings
Pin Connections
Features
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input*
10W max. at 25°C
DC Current Input to Output 0.5A max. at 25°C
*Passband rating, derate linearly to 3.5W at 100°C ambient.
RF IN
1**
RF OUT
3**
GROUND
2,4
**RF IN & RF OUT can be interchanged
Demo Board MCL P/N: TB-270
Suggested PCB Layout (PL-137)
Applications
Outline Dimensions (
)
inch
mm
• harmonic rejection
• VHF/UHF transmitters/receivers
• lab use
• excellent power handling, 10W
• small size
• 7 sections
• temperature stable
• patent pending
LFCN-1575
DC-1575
1875
2175
2225-6800
7100
20
1.2
7
MODEL
NO.
PASSBAND
(MHz)
fco, MHz
Nom.
(loss 3 dB)
Typ.
STOP BAND (MHz)
(loss, dB)
(loss < 1 dB)
Max.
VSWR (:1)
Stopband
Typ.
Passband
Typ.
NO. OF
SECTIONS
f 20
Min.
fr 20
Typ.
30
Typ.
Typical Performance Data at 25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
100.00
0.08
1.03
1000.00
0.36
1.11
1575.00
0.76
1.21
1875.00
2.32
2.03
2000.00
7.66
5.56
2200.00
35.08
16.11
2275.00
32.67
18.90
2500.00
41.82
26.33
2700.00
37.22
32.18
4000.00
41.10
51.10
5000.00
43.27
48.26
6000.00
37.34
34.07
6800.00
35.05
27.16
7200.00
20.70
18.90
9000.00
16.86
17.57
A
B
C
D
E
F
G
.126
.063
.037
.020
.032
.009
.169
3.20
1.60
0.94
0.51
0.81
0.23
4.29
HJ
K
L
M
N
P
wt
.087
.024
.122
.024
.087
.012
.071 grams
2.21
0.61
3.10
0.61
2.21
0.30
1.80
.020
LFCN-1575
INSERTION LOSS
0
10
20
30
40
50
60
0
1000 2000 3000 4000 5000 6000 7000 8000 9000
FREQUENCY (MHz)
LFCN-1575
VSWR
1
10
100
0
1000 2000 3000 4000 5000 6000 7000 8000 9000
FREQUENCY (MHz)
fR 20 dB
20dB
3dB
40dB
1dB
FREQUENCY
f 20
f co
RF IN
RF OUT
schematic
schematic
schematic
schematic
schematic
typical frequency response
typical frequency response
typical frequency response
typical frequency response
typical frequency response
1. For Applications requiring DC voltage to be applied to the Input or output, use LFCN-1575D (DC Resistance to
ground is 100 Mohms min.)
Model
Price
Qty.
LFCN-1575
$2.99
(10-49)
LFCN-1575D
$3.49
(10-49)
CASE STYLE: FV1206
Low Pass Filter Electrical Specifications1 (TAMB=25°C)
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
DC to 1575 MHz
Low Pass Filter
Ceramic
LFCN-1575
REV. B
M96263
LFCN-1575
ED-11960/5
AD/CP/AM
050113
NEW!


Podobny numer części - LFCN-1575

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
LFCN-1575++ MINI-LFCN-1575+ Datasheet
322Kb / 1P
   LOW PASS FILTERS
More results

Podobny opis - LFCN-1575

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
   Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
   LOW PASS filter
logo
Mini-Circuits
LFCV-45++ MINI-LFCV-45+ Datasheet
170Kb / 1P
   Low Pass Filter
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
   Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
   Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
   Low Pass Filter
SCLF-420 MINI-SCLF-420 Datasheet
327Kb / 1P
   Low Pass Filter
SCLF-550 MINI-SCLF-550 Datasheet
334Kb / 1P
   Low Pass Filter
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com