Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

NTE15035 Arkusz danych(PDF) 3 Page - NTE Electronics

Numer części NTE15035
Szczegółowy opis  Integrated Circuit Video IF, Chroma Deflection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NTE [NTE Electronics]
Strona internetowa  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE15035 Arkusz danych(HTML) 3 Page - NTE Electronics

  NTE15035 Datasheet HTML 1Page - NTE Electronics NTE15035 Datasheet HTML 2Page - NTE Electronics NTE15035 Datasheet HTML 3Page - NTE Electronics NTE15035 Datasheet HTML 4Page - NTE Electronics NTE15035 Datasheet HTML 5Page - NTE Electronics NTE15035 Datasheet HTML 6Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC Characteristics (Cont’d): (TA = +25°C, VCC = 9V, 6.8V unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
PIF Section (Cont’d)
AFT Sensitivity
15
25
kHz/V
AFT Voltge Swing
A
6
11
V
920kHz Beat
I920
32
dB
QIF Section
Input Sensitivity
vinQ
70
120
200
µVrms
4.5MHz Output Level
1.0
1.5
2.0
VP–P
AGC Gain Reduction
GR Q
60
64
dB
Input Impedance
RiQIF
1.75
2.5
3.25
k
Input Capacitance
CiQIF
2
4
10
pF
SIF Section
Limiting Sensitivity
vLIM
115
140
180
µVrms
Detected Output
vOD
130
155
mVrms
AM Rejection
AMR
20
dB
SIF Bandwidth
BW SIF
120
160
kHz
THD Bandwidth
BD THD
THD = 1.5%
100
140
kHz
Attenuation AC Gain
GVATT
4
6
8
dB
Maximum Attenuation
ATTmax
70
dB
AF Amp AC Gain
GVAF
18
dB
Video Section
Input Impedance, Pin52
zi52
1.8
2.5
3.2
k
Input Impedance, Pin53
zi53
14
19
24
k
Video Output Impedance
zo13
15
30
100
Brightness Control Voltage
VBR
3.9
4.3
4.7
V
Brightness Sensitivity
GBR
3.0
3.4
3.8
Minimum Linear Video Input
Vdi1
2.3
2.7
V
Maximum Linear Video Input
Vdi2
5.0
5.5
V
Video Input Dynamic Range
Vdi
2.7
3.2
VP–P
Minimum Video Output
Vdo1
0
0.3
1.1
V
Maximum Video Output
Vdo2
7.5
7.9
9.0
V
2nd Order Differential Input Dynamic Range
VdiP
0.3
0.4
0.5
VP–P
Video Gain
GV
3.2
4.2
4.9
Frequency Response
Gf
–3.2
–1.0
–0.8
dB
Contrast Control Voltage Range
dVct
0.71
1.4
2.09
V
Contrast Control Range
dGct
11
12
13
dB
Contrast Control Center Voltage
Vcto
4.2
4.5
4.8
V
Frequency Response Dependence
dGf
0
0.9
dB
Frequency Response at
Minimum Picture Control
dGpsmin
–10
–6
–3.4
dB
Maximum Control
dGpsmax
10
11
12
dB
Center Control
dGps0
–3.0
–1.7
0
dB
Picture Control Voltage Range
dVps
0.68
1.2
1.43
V


Html Pages

1  2  3  4  5  6 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn