Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

NTE15035 Arkusz danych(PDF) 4 Page - NTE Electronics

Numer części NTE15035
Szczegółowy opis  Integrated Circuit Video IF, Chroma Deflection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NTE [NTE Electronics]
Strona internetowa  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE15035 Arkusz danych(HTML) 4 Page - NTE Electronics

  NTE15035 Datasheet HTML 1Page - NTE Electronics NTE15035 Datasheet HTML 2Page - NTE Electronics NTE15035 Datasheet HTML 3Page - NTE Electronics NTE15035 Datasheet HTML 4Page - NTE Electronics NTE15035 Datasheet HTML 5Page - NTE Electronics NTE15035 Datasheet HTML 6Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Characteristics (Cont’d): (TA = +25°C, VCC = 9V, 6.8V unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Video Section (Cont’d)
Vertical Blanking Pulse Output Level
VV
8.0
8.9
9.0
V
Horizontal Blanking Pulse Detection Level
VH
8.0
8.4
8.8
V
Horizontal Blanking Input Current
IH
1.5
2.5
4.0
mA
Chroma Section
ACC Characteristics
ea
0.72
1.54
VP–P
A
1.0
1.3
VP–P
Demodulator Color Differential Output
eR1
1.0
1.47
2.0
VP–P
eG1
0.35
0.51
0.71
VP–P
eB1
1.19
1.75
2.44
VP–P
Color Killer Residual
eKR
10
mV
eKG
10
mV
eKB
10
mV
Color Control Residual
eCR
10
mV
eCG
10
mV
eCB
10
mV
Color Control Voltage
V3
4.1
4.6
5.1
V
Color Control Range
dV3
0.7
1.4
2.1
V
Uni–Color Control Range
eU
10.5
12.0
13.5
dB
Uni–Color Control Voltage
V8
4.1
4.6
5.1
V
Uni–Color Control Range
dV8
0.7
1.4
2.1
V
Color Control Phase Change
d0C
5
deg.
Uni–Color Control Phase Change
d0U
7
deg.
Maximum Input of Bandpass Amplifier
eM
0.48
0.6
VP–P
Tint Control Range
d0
78
100
131
deg.
Tint Control Range
d01
35
55
deg.
d02
31
45
deg.
Tint Control Voltage
V2
4.0
4.6
5.1
V
Tint Control Voltage Range
dV2
0.25
0.5
0.75
V
Sync Pulse Width
St
4.5
µs
Sync Pulse, High
VS1
5.42
V
Sync Pulse, Low
VS2
3.6
V
APC Frequency Control Sensitivity
b
7.0
Hz/mV
APC Pull–In Range
fP
1.3
Hz
APC Hold Range
fHld
2.5
Hz
Sweeper Amplitude
SEV1
4.0
V
SEV2
3.0
V
SEV
0.8
1.0
1.2
VP–P
Sweeper Period
tE1
4
7
10
ms
tE2
35
55
77
ms
tE
39
62
87
ms
Killer Level
eK
0.4
1.0
mVP–P


Html Pages

1  2  3  4  5  6 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn