Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

NTE15038 Arkusz danych(PDF) 1 Page - NTE Electronics

Numer części NTE15038
Szczegółowy opis  Integrated Circuit Chroma Signal Proessor for VHS VCR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NTE [NTE Electronics]
Strona internetowa  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE15038 Arkusz danych(HTML) 1 Page - NTE Electronics

  NTE15038 Datasheet HTML 1Page - NTE Electronics NTE15038 Datasheet HTML 2Page - NTE Electronics NTE15038 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE15038
Integrated Circuit
Chroma Signal Proessor for VHS VCR
Features:
D Adjustment–Free 3.58MHz VXO Free–Running OSC Frequency, 160fH VCO Free–Running OSC
Frequency, Carrier Leak, PB Chroma Level, except REC Chroma Level.
D Multifunctional:
2fSC Generator for CCD Drive
PB Chroma (629K) Level Compensation Amp
Function to Select APC Loop Input Signal Passed/Not Passed Through Comb Filter
BGP Output
3rd Lock Protector of 3.58MHz OSC
D LPF Usable for REC/PB
D Capable of Being Operated from 5V Supply
D Current Dissipation: 48mA at REC mode
50mA at PB mode
D Few External Components Required
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Maximum Supply Voltage, VCCmax
7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Allowable Power Dissipation (TA ≤ +65°C), PDmax
400mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topg
–10
° to +65°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions: (TA = +25°C unless otherwise specified)
Recommended Supply Voltage, VCC
5.2V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Voltage Range, VCCop
4.8 to 5.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C, VCC = 5V unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
REC Current Dissipation
ICC(R)
38
48
58
mA
REC Output Level
VO(R)
210
300
390
mVP–P
REC ACC Characteristics
∆VO(R) Input ± 6dB
–0.5
0
+0.5
dB
ACC Killer Input Level
VACK
–28
–25
–22
dB
VXO Control Sensitivity
SVXO
2.5
3.7
5.5
Hz/mV
VXO OSC Level
VVXO(R)
0.65
0.85
1.00
VP–P


Html Pages

1  2  3 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn