Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

NTE15038 Arkusz danych(PDF) 2 Page - NTE Electronics

Numer części NTE15038
Szczegółowy opis  Integrated Circuit Chroma Signal Proessor for VHS VCR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NTE [NTE Electronics]
Strona internetowa  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE15038 Arkusz danych(HTML) 2 Page - NTE Electronics

  NTE15038 Datasheet HTML 1Page - NTE Electronics NTE15038 Datasheet HTML 2Page - NTE Electronics NTE15038 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C, VCC = 5V unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Subconverter Output Level
VSUB
200
250
300
mVP–P
BGP Delay Time
tD
3.2
µs
BGP Width
tW
4.8
µs
REC APC Pull–in Range
∆fAPC
±350
Hz
REC AFC Pull–in Range
∆fAFC
±1.5
kHz
160fH VCO Control Sensitivity
SVCO
0.42
0.60
0.78
kHz/mV
PB Current Dissipation
ICC(P)
40
50
60
mA
PB Output Level
VO(P)
575
660
760
mVP–P
PB ACC Characteristic
∆VO(P) Input ± 6dB
–0.5
+0.5
dB
PB Main Converter Carrier Leak
CL(p)
4.21MHz component
–40
–33
dB
PB XO Output Level
VXO(P)
520
650
800
mVP–P
PB XO Free–Running Frequency
fXO(f)
Difference from 3579545Hz
–7
0
+7
Hz
2fSC Output Amplitude
V2fsc
420
600
780
mVP–P
Burst Emphasis Amount
GBE
5.5
6.0
6.5
dB
Burst De–emphasis
GBD
–5.5
–5.25
–5.0
dB
Comb Amp Gain
GCOMB
11
13
15
dB
2fSC Output
VCC
160fH VCO Filter
4.21MHz Output
Color Killer Filter
Sync Input/BPG Output
Rec APC Filter
VCO Tank
XO Output
XO Input
Video Input
SW30/LP
PB Amp Input
Bypass
1
2
3
4
Comb Amp Out
ACC Filter
3.58MHz Input
5
3.58MHz Output
6
GND
7
PB 629kHz Input
8
SLD Output
24
23
22
21
20
19
18
17
9
Rec 629kHz Input
16
10
11
4.21MHz Input
15
14
12
13
PB 3.58MHz Output
Pin Connection Diagram


Html Pages

1  2  3 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn