Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FMDT12N500 Arkusz danych(PDF) 2 Page - First Components International

Numer części FMDT12N500
Szczegółowy opis  12A 500V N-Channel Polar HVTM Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FCI [First Components International]
Strona internetowa  http://www.cotra.com.tw/
Logo FCI - First Components International

FMDT12N500 Arkusz danych(HTML) 2 Page - First Components International

  FMDT12N500 Datasheet HTML 1Page - First Components International FMDT12N500 Datasheet HTML 2Page - First Components International FMDT12N500 Datasheet HTML 3Page - First Components International FMDT12N500 Datasheet HTML 4Page - First Components International FMDT12N500 Datasheet HTML 5Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS= 20 V; ID = 0.5 ID25, Note 1
13
S
C
iss
1690
pF
C
oss
V
GS = 0 V, VDS = 25 V, f = 1 MHz
182
pF
C
rss
16
pF
t
d(on)
22
ns
t
r
V
GS = 10 V, VDS = 0.5 VDSS, ID = ID25
27
ns
t
d(off)
R
G = 50 Ω (External)
65
ns
t
f
20
ns
Q
g(on)
29
nC
Q
gs
V
GS= 10 V, VDS = 0.5 VDSS, ID = 0.5 ID25
11
nC
Q
gd
10
nC
R
thJC
0.62 K/W
R
thCK
(TO-220)
0.25
KW
Source-Drain Diode
Characteristic Values
T
J = 25°C unless otherwise specified)
Symbol
Test Conditions
Min.
Typ.
Max.
I
S
V
GS = 0 V
44
A
I
SM
Repetitive
132
A
V
SD
I
F = IS, VGS = 0 V, Note 1
1.5
V
t
rr
I
F = 22 A, -di/dt = 100 A/μs
200
ns
Q
RM
V
R = 100 V, VGS = 0 V
0.4
μC
I
RM
4f
A
Note 1: Pulse test, t
≤ 300 μs, duty cycle d ≤ 2 %
Pins:
1 - Gate
2 - Drain
3 - Source
4 - Drain
TO-220 Outline
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.06
4.83
.160
.190
A1
2.03
2.79
.080
.110
b
0.51
0.99
.020
.039
b2
1.14
1.40
.045
.055
c
0.46
0.74
.018
.029
c2
1.14
1.40
.045
.055
D
8.64
9.65
.340
.380
D1
7.11
8.13
.280
.320
E
9.65
10.29
.380
.405
E1
6.86
8.13
.270
.320
e
2.54
BSC
.100
BSC
L
14.61
15.88
.575
.625
L1
2.29
2.79
.090
.110
L2
1.02
1.40
.040
.055
L3
1.27
1.78
.050
.070
L4
0
0.38
0
.015
R
0.46
0.74
.018
.029
TO-263 Outline
Pins:
1 - Gate 2, 4 - Drain
3 - Source
FMD/T12N500 12A 500V N-Channel Polar HVTM Power MOSFET


Podobny numer części - FMDT12N500

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
FMD-4204S SANKEN-FMD-4204S Datasheet
365Kb / 5P
   Silicon Diode
logo
Inchange Semiconductor ...
FMD-4206S ISC-FMD-4206S Datasheet
318Kb / 2P
   Ultra fast Rectifier
logo
List of Unclassifed Man...
FMD-G26S ETC1-FMD-G26S Datasheet
95Kb / 3P
   Ultra-Fast-Recovery Rectifier Diodes
logo
IXYS Corporation
FMD15-06KC5 IXYS-FMD15-06KC5 Datasheet
82Kb / 3P
   CoolMOS Power MOSFET with HiPerDyn FRED Buck and Boost Topologies
logo
Rectron Semiconductor
FMD1S RECTRON-FMD1S Datasheet
263Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED MINI FAST RECOVERY SURFACE MOUNT BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.8 Ampere)
More results

Podobny opis - FMDT12N500

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
12N50_1112 UTC-12N50_1112 Datasheet
167Kb / 6P
   12A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT12N50 AOSMD-AOT12N50 Datasheet
180Kb / 6P
   500V, 12A N-Channel MOSFET
AOB12N50 AOSMD-AOB12N50 Datasheet
262Kb / 6P
   500V, 12A N-Channel MOSFET
AOW12N50 AOSMD-AOW12N50 Datasheet
287Kb / 6P
   500V, 12A N-Channel MOSFET
AOB12N50L AOSMD-AOB12N50L Datasheet
439Kb / 6P
   500V, 12A N-Channel MOSFET
logo
Fairchild Semiconductor
FDP13N50F FAIRCHILD-FDP13N50F Datasheet
621Kb / 9P
   N-Channel MOSFET 500V, 12A, 0.54廓
FDP13N50F FAIRCHILD-FDP13N50F_12 Datasheet
414Kb / 9P
   N-Channel MOSFET 500V, 12A, 0.54廓
2N6769 FAIRCHILD-2N6769 Datasheet
137Kb / 5P
   N-Channel Power MOSFETs, 12A, 450V/500V
logo
International Rectifier
IRFN450 IRF-IRFN450 Datasheet
218Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=0.415ohm, Id=12A)
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com