Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FML20N60 Arkusz danych(PDF) 7 Page - First Components International

Numer części FML20N60
Szczegółowy opis  20Amps 600 Voltage N Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FCI [First Components International]
Strona internetowa  http://www.cotra.com.tw/
Logo FCI - First Components International

FML20N60 Arkusz danych(HTML) 7 Page - First Components International

  FML20N60 Datasheet HTML 1Page - First Components International FML20N60 Datasheet HTML 2Page - First Components International FML20N60 Datasheet HTML 3Page - First Components International FML20N60 Datasheet HTML 4Page - First Components International FML20N60 Datasheet HTML 5Page - First Components International FML20N60 Datasheet HTML 6Page - First Components International FML20N60 Datasheet HTML 7Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Package Dimensions
15.60
±0.20
4.80
±0.20
13.60
±0.20
9.60
±0.20
2.00
±0.20
3.00
±0.20
1.00
±0.20
1.40
±0.20
ø3.20
±0.10
1.50
+0.15
–0.05
0.60
+0.15
–0.05
5.45TYP
[5.45
±0.30]
5.45TYP
[5.45
±0.30]
TO-247
FML20N60 20Amps 600 Voltage N Channel MOSFET


Podobny numer części - FML20N60

ProducentNumer częściArkusz danychSzczegółowy opis
logo
First Components Intern...
FML20N50 FCI-FML20N50 Datasheet
747Kb / 7P
   20Amps 500 Voltage N Channel MOSFET
logo
Fuji Electric
FML20N50ES FUJI-FML20N50ES Datasheet
459Kb / 5P
   N-CHANNEL SILICON POWER MOSFET
More results

Podobny opis - FML20N60

ProducentNumer częściArkusz danychSzczegółowy opis
logo
First Components Intern...
FML20N50 FCI-FML20N50 Datasheet
747Kb / 7P
   20Amps 500 Voltage N Channel MOSFET
FM10N60 FCI-FM10N60 Datasheet
122Kb / 2P
   FM10N60 10Amps 600 Voltage N - Channel POWER MOSFET
logo
First Silicon Co., Ltd
FTK20NS65P FS-FTK20NS65P Datasheet
889Kb / 7P
   20Amps, 650Volts N-Channel Super Juction MOS-FET
FTK20NS65PD FS-FTK20NS65PD Datasheet
889Kb / 7P
   20Amps, 650Volts N-Channel Super Juction MOS-FET
logo
Unisonic Technologies
7N60 UTC-7N60 Datasheet
145Kb / 7P
   7.4 Amps, 600 Volts N-CHANNEL MOSFET
logo
ON Semiconductor
NDF06N60ZH ONSEMI-NDF06N60ZH Datasheet
116Kb / 8P
   N-Channel Power MOSFET 600 V, 1.2 
February, 2013 ??Rev. 6
logo
Chongqing Pingwei Enter...
2N60 CHONGQING-2N60 Datasheet
201Kb / 2P
   2A mps,600 Volts N-CHANNEL MOSFET
10N60 CHONGQING-10N60 Datasheet
192Kb / 2P
   10A mps,600 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
5N60 UTC-5N60 Datasheet
151Kb / 6P
   4.5 Amps, 600 Volts N-CHANNEL MOSFET
logo
ON Semiconductor
NDF04N60Z ONSEMI-NDF04N60Z Datasheet
156Kb / 8P
   N-Channel Power MOSFET 1.8 , 600 Volts
June, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com