Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EZJZZV270EAK Arkusz danych(PDF) 7 Page - Panasonic Semiconductor

Numer części EZJZZV270EAK
Szczegółowy opis  Multilayer Varistor for ESD pulse
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZJZZV270EAK Arkusz danych(HTML) 7 Page - Panasonic Semiconductor

  EZJZZV270EAK Datasheet HTML 1Page - Panasonic Semiconductor EZJZZV270EAK Datasheet HTML 2Page - Panasonic Semiconductor EZJZZV270EAK Datasheet HTML 3Page - Panasonic Semiconductor EZJZZV270EAK Datasheet HTML 4Page - Panasonic Semiconductor EZJZZV270EAK Datasheet HTML 5Page - Panasonic Semiconductor EZJZZV270EAK Datasheet HTML 6Page - Panasonic Semiconductor EZJZZV270EAK Datasheet HTML 7Page - Panasonic Semiconductor EZJZZV270EAK Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Varistors
· Audio lines
· LCD/Camera lines
· I/O data lines
IEEE1394 lines
USB1.1/2.0 lines
Mobile Phone
HDMI lines
LCD/Camera
controller
I/O
controller
IEEE1394
controller
USB
controller
· LED
· SW/Keyboard
2 mode noise filter
AMP
IC
IC
TMDS
FPC
LCD/Camera
Connector
Connector
Power
IC
VDD
GND
TPA+
TPA–
VDD
GND
HDMI
IC
Clock
Ch : 0
Ch : 1
Ch : 2
D+
D–
TPB+
TPB–
Applications
Series
Circuit
DC 1k
1M
1G (Hz)
Mobile phones, DSC, PC, PDA,
HDD TV (PDP, LC etc.), DVD, DVC,
Game consoles, Audio equipment
Series
EZJZ, P
Ultra low capacitance
(Cap. : 3 pF or less)
DC to GHz
Antenna, RF circuit, LVDS
USB, IEEE1394, HDMI etc.
Low capacitance
(Cap. : 20 to 680 pF)
DC to tens of Hz
PWR, SW, Audio terminals
LCD, RS232C, etc.
PWR, Photoelectronic sensors,
SSR, Motors, Pressure sensors,
Proximity switches
Series
EZJS
High capacitance
(Cap. : 1800 to 22000 pF)
DC to several kHz
PWR, SW, Audio terminals etc.
Applications
Recommended Applications
Nov. 2016
04


Podobny numer części - EZJZZV270EAK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
EZJZZV270EAK PANASONIC-EZJZZV270EAK Datasheet
172Kb / 8P
   Multilayer Varistors
More results

Podobny opis - EZJZZV270EAK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
EZJZ PANASONIC-EZJZ Datasheet
275Kb / 5P
   Multilayer Varistor for ESD pulse
EZJS1VB822 PANASONIC-EZJS1VB822 Datasheet
92Kb / 2P
   Multilayer Varistor for ESD pulse [DC voltage lines]
logo
Cooper Bussmann, Inc.
MLVA02V05C033-R COOPER-MLVA02V05C033-R Datasheet
386Kb / 5P
   Multilayer varistor ESD suppressor
MLVB04V18C0R5 COOPER-MLVB04V18C0R5 Datasheet
350Kb / 2P
   Multilayer Varistor ESD Suppressor
logo
Eaton All Rights Reserv...
MLVA-R EATON-MLVA-R Datasheet
387Kb / 5P
   Multilayer varistor ESD suppressor
logo
Cooper Bussmann, Inc.
MLVA02V05C033 COOPER-MLVA02V05C033 Datasheet
327Kb / 2P
   Multilayer Varistor ESD Suppressor
logo
Eaton All Rights Reserv...
MLVB EATON-MLVB Datasheet
339Kb / 2P
   Multilayer varistor ESD suppressor
logo
Shanghai Leiditech Elec...
L0603-3220A LEIDITECH-L0603-3220A Datasheet
430Kb / 4P
   ESD-SMD Multilayer chip Varistor
logo
List of Unclassifed Man...
MV04E050T101 ETC-MV04E050T101 Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
MV04L04T-080 ETC-MV04L04T-080 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com