Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EZJZZV270FAM Arkusz danych(PDF) 2 Page - Panasonic Semiconductor

Numer części EZJZZV270FAM
Szczegółowy opis  Multilayer Varistor for ESD pulse
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZJZZV270FAM Arkusz danych(HTML) 2 Page - Panasonic Semiconductor

  EZJZZV270FAM Datasheet HTML 1Page - Panasonic Semiconductor EZJZZV270FAM Datasheet HTML 2Page - Panasonic Semiconductor EZJZZV270FAM Datasheet HTML 3Page - Panasonic Semiconductor EZJZZV270FAM Datasheet HTML 4Page - Panasonic Semiconductor EZJZZV270FAM Datasheet HTML 5Page - Panasonic Semiconductor EZJZZV270FAM Datasheet HTML 6Page - Panasonic Semiconductor EZJZZV270FAM Datasheet HTML 7Page - Panasonic Semiconductor EZJZZV270FAM Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Varistors
1000
100
10
10–6
10–5
10–4
10–3
Current (A)
Max. Leakage Current
EZJZ□V171AA
EZJZ□V171AA
EZJZ□V800AA
EZJZ□
V800AA
EZJZ□V500AA
EZJZ□V500AA
Max. Clamping Voltage
10–2
10–1
100
101
(Typical curve)
Multilayer Varistor, Low Capacitance Type
[High speed signal lines]
Mobile phone
Antenna circuit, External IF
DSC, DVC
USB2.0, IEEE1394
PC, PDA
USB2.0, IEEE1394, LAN1000BASE
TV, DVD
USB2.0, IEEE1394, HDMI
Game console
Controller, External IF
Size
Part No.
Maximum
allowable voltage
DC (V)
Nominal varistor
voltage
at 1mA (V)
Capacitance (pF)
at 1MHz
Maximum ESD
IEC61000-4-2
0402
EZJZ0V80010
10
80
1 max. [0.8 typ.]
Contact discharge : 8kV
EZJZ0V80015D
5
80
1.5±0.5
EZJZ0V500AA
5
50
3 max. [2.1 typ.]
EZJZ0V800AA
18
80
3 max. [2.1 typ.]
EZJZ0V171AA
18
170
3 max. [2.1 typ.]
0603
EZJZ1V80010
10
80
1 max. [0.8 typ.]
EZJZ1V500AA
5
50
3 max. [2.1 typ.]
EZJZ1V800AA
18
80
3 max. [2.1 typ.]
EZJZ1V171AA
18
170
3 max. [2.1 typ.]
Operating Temperature Range: –40 to 85 °C
✽ Recommend soldering method : Reflow soldering
Features
Recommended Applications
Multilayer monolithic ceramic construction for high speed signal lines
Ideal for USB 2.0, IEEE1394, and HDMI high speed data busses
Applicable to high-speed signal lines, such as interfaces (e.g. USB 2.0, IEEE1394, HDMI, and so on), due to
our original material technology and multilayer technology.
Capacitance: 0.8 to 2.1 pF typ.
Ratings and Characteristics
Voltage vs. Current
Nov. 2016
04


Podobny numer części - EZJZZV270FAM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
EZJZZV270FAM PANASONIC-EZJZZV270FAM Datasheet
172Kb / 8P
   Multilayer Varistors
More results

Podobny opis - EZJZZV270FAM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
EZJZ PANASONIC-EZJZ Datasheet
275Kb / 5P
   Multilayer Varistor for ESD pulse
EZJS1VB822 PANASONIC-EZJS1VB822 Datasheet
92Kb / 2P
   Multilayer Varistor for ESD pulse [DC voltage lines]
logo
Cooper Bussmann, Inc.
MLVA02V05C033-R COOPER-MLVA02V05C033-R Datasheet
386Kb / 5P
   Multilayer varistor ESD suppressor
MLVB04V18C0R5 COOPER-MLVB04V18C0R5 Datasheet
350Kb / 2P
   Multilayer Varistor ESD Suppressor
logo
Eaton All Rights Reserv...
MLVA-R EATON-MLVA-R Datasheet
387Kb / 5P
   Multilayer varistor ESD suppressor
logo
Cooper Bussmann, Inc.
MLVA02V05C033 COOPER-MLVA02V05C033 Datasheet
327Kb / 2P
   Multilayer Varistor ESD Suppressor
logo
Eaton All Rights Reserv...
MLVB EATON-MLVB Datasheet
339Kb / 2P
   Multilayer varistor ESD suppressor
logo
Shanghai Leiditech Elec...
L0603-3220A LEIDITECH-L0603-3220A Datasheet
430Kb / 4P
   ESD-SMD Multilayer chip Varistor
logo
List of Unclassifed Man...
MV04E050T101 ETC-MV04E050T101 Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
MV04L04T-080 ETC-MV04L04T-080 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com