Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STDA16B-S03 Arkusz danych(PDF) 1 Page - Vitec Power

Numer części STDA16B-S03
Szczegółowy opis  15W Desktop Power Supply for I.T. Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  Vitec [Vitec Power]
Strona internetowa  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STDA16B-S03 Arkusz danych(HTML) 1 Page - Vitec Power

  STDA16B-S03 Datasheet HTML 1Page - Vitec Power STDA16B-S03 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STDA16B SERIES
15W Desktop Power Supply for I.T. Equipment
Wide Input Voltage 90 to 264 VAC, 47 to 63Hz
Output Voltage available from 3 VDC to 48 VDC
IEC-320-C8 Input Inlet
Optional output connector plug
Splash proof
Class II Insulation
2 Year Warranty
Approvals:
Single Output
Part Number
Output Voltage
Max. Output Current
Total Regulation
Maximum Output Power
* STDA16B-S01
3 ~ 5 VDC
2.50 A max
7%
12W
STDA16B-S02
5 ~ 6 VDC
2.50 ~ 2.00 A
5%
12W
STDA16B-S03
6 ~ 8 VDC
2.00 ~ 1.50 A
5%
12W
STDA16B-S04
8 ~ 11 VDC
1.87 ~ 1.36 A
5%
15W
STDA16B-S05
11 ~ 13 VDC
1.36 ~ 1.15 A
5%
15W
STDA16B-S06
13 ~ 16 VDC
1.15 ~ 0.94 A
5%
15W
STDA16B-S07
16 ~ 21 VDC
0.94 ~ 0.72 A
5%
15W
STDA16B-S08
21 ~ 27 VDC
0.72 ~ 0.55 A
5%
15W
STDA16B-S09
27 ~ 33 VDC
0.55 ~ 0.45 A
5%
15W
STDA16B-S10
33 ~ 40 VDC
0.45 ~ 0.37 A
3%
15W
STDA16B-S11
40 ~ 48 VDC
0.37 ~ 0.31 A
3%
15W
* Note: STDA16B-S01 is not approved by CEC Level V
The output voltage under 15V had been approved by TUV/PSE.
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin=90 to 264VAC
0
15
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
0.4
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.26
A
Low Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=115VAC
12
15
A
High Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=230VAC
26
30
A
Efficiency
Io=Full Load, Vin=230VAC
72
85
%
No-Load Power Consumption
No Load, VIn=240VAC
0
0.4
0.5
W
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
3
10
%
Over Voltage Protection
Nil
%
Over Current Protection
Nil But, Output protected to short circuit conditions
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
5
mS
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1
2
S
* Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io=Full Load, Vin=240VAC
0.5
0.75
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C
*Note: The Ripple & Noise which is under 3.3VCD at 2% max


Podobny numer części - STDA16B-S03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vitec Power
STDA16B-S03 Vitec-STDA16B-S03 Datasheet
350Kb / 2P
   15W Desktop Power Supply for I.T. Equipment
More results

Podobny opis - STDA16B-S03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vitec Power
STDA16A Vitec-STDA16A Datasheet
438Kb / 2P
   15W Desktop Power Supply for I.T. Equipment
STDA16A-SERIES Vitec-STDA16A-SERIES Datasheet
427Kb / 2P
   15W Desktop Power Supply for I.T. Equipment
STDA16B-SERIES Vitec-STDA16B-SERIES Datasheet
350Kb / 2P
   15W Desktop Power Supply for I.T. Equipment
STDA16C Vitec-STDA16C Datasheet
366Kb / 2P
   15W Desktop Power Supply for I.T. Equipment
STDA16C-SERIES Vitec-STDA16C-SERIES Datasheet
366Kb / 2P
   15W Desktop Power Supply for I.T. Equipment
STDA20A Vitec-STDA20A Datasheet
389Kb / 2P
   20W Desktop Power Supply for I.T. Equipment
STDA25B Vitec-STDA25B Datasheet
390Kb / 2P
   25W Desktop Power Supply for I.T. Equipment
STDA80 Vitec-STDA80 Datasheet
374Kb / 2P
   80W Desktop Power Supply for I.T. Equipment
ITDA180I Vitec-ITDA180I Datasheet
372Kb / 2P
   180W Desktop Power Supply for I.T. Equipment
MTDA40A-SERIES Vitec-MTDA40A-SERIES Datasheet
406Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com