Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STDA45-S08 Arkusz danych(PDF) 1 Page - Vitec Power

Numer części STDA45-S08
Szczegółowy opis  50W Desktop Power Supply for I.T. Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  Vitec [Vitec Power]
Strona internetowa  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STDA45-S08 Arkusz danych(HTML) 1 Page - Vitec Power

  STDA45-S08 Datasheet HTML 1Page - Vitec Power STDA45-S08 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STDA45 SERIES
50W Desktop Power Supply for I.T. Equipment
Wide Input Voltage 90 to 264 VAC, 47 to 63Hz
IEC-320-C14 Input Inlet
Output Voltage Available From 2VDC Thru 50VDC
Input Surge Current, Over Voltage and Overload Protection
Single to Triple Output
Class I Insulation
2 Year Warranty
Approvals:
Single Output
Part Number
Output Voltage
Max. Output Current
Total Regulation
Max Output Power
STDA45-S00
0
2 ~ 03 VDC
8.00 A max
7%
24W
STDA45-S01
03 ~ 05 VDC
8.00 A max
5%
40W
STDA45-S02
05 ~ 06 VDC
8.00 ~ 6.66 A
5%
40W
STDA45-S03
06 ~ 08 VDC
7.00 ~ 5.25 A
5%
42W
STDA45-S04
08 ~ 11 VDC
5.63 ~ 4.00 A
4%
45W
STDA45-S05
11 ~ 13 VDC
4.00 ~ 3.46 A
3%
45W
STDA45-S06
13 ~ 16 VDC
3.46 ~ 2.81 A
3%
45W
STDA45-S07
16 ~ 21 VDC
3.12 ~ 2.38 A
3%
50W
STDA45-S08
21 ~ 27 VDC
2.30 ~ 1.85 A
2%
50W
STDA45-S09
27 ~ 33 VDC
1.85 ~ 1.51 A
2%
50W
STDA45-S10
33 ~ 40 VDC
1.51 ~ 1.25 A
2%
50W
STDA45-S11
40 ~ 50 VDC
1.25 ~ 1.00 A
2%
50W
Multi Output
Model
Number
Output 1
Output 2
Output 3
Max Output
Power
Vonom
Iomin
Iomax
Regmax
Vonom
Iomin
Iomax
Regmax
Vonom
Iomin
Iomax
Regmax
STDA45-D00
+3.3V
0.5A
5A
7%
+12V
0.3A
2A
5%
40W
STDA45-D01
+5V
0.5A
5A
5%
+12V
0.3A
2A
5%
42W
STDA45-D02
+5V
0.8A
5A
7%
+15V
0.3A
1.5A
5%
42W
STDA45-D03
+5V
0.5A
5A
5%
+24V
0.1A
1A
5%
42W
STDA45-D04
+3.3V
0.5A
5A
7%
+5V
0.2A
2A
5%
26.5W
STDA45-D09
+12V
0.3A
3A
5%
-12V
0.1A
1A
5%
42W
STDA45-D10
+15V
0.2A
2A
5%
-15V
0.1A
1A
5%
42W
STDA45-D15
+5V
0.5A
5A
5%
-24V
0.1A
1A
5%
42W
STDA45-D16
+5.1V
0A
1A
5%
+7.2V
0.2A
2.6A
5%
23.82W
STDA45-T00
+3.3V
1.0A
5A
7%
+12V
0.3A
2A
5%
-12V
0.1A
0.8A
5%
42W
STDA45-T01
+5V
0.5A
5A
5%
+12V
0.2A
2A
5%
-5V
0A
0.8A
5%
42W
STDA45-T02
+5V
0.5A
5A
5%
+12V
0.2A
2A
5%
-12V
0A
0.8A
5%
42W
STDA45-T03
+5V
0.5A
5A
5%
+15V
0.3A
2A
6%
-15V
0A
0.8A
5%
42W
STDA45-T04
+5V
0.5A
5A
5%
+24V
0.2A
1A
5%
-24V
0A
0.5A
5%
42W
STDA45-T05
+5V
0.5A
5A
5%
+24V
0.1A
1A
5%
-12V
0A
0.8A
5%
42W
STDA45-T06
+3.3V
0.5A
5A
7%
+12V
0.4A
2A
5%
-5V
0A
0.8A
5%
42W
STDA45-S01,D04,D15,T05,T06 is not approved by TUV-PSE
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
0
40
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operating Temperature at 25°C, calculated per MIL-HDBK-217F
0.1M
Hrs
De-rate linearly from 100% load at 40°C to 50% load at 70°C


Podobny numer części - STDA45-S08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vitec Power
STDA45E Vitec-STDA45E Datasheet
439Kb / 2P
   50W Desktop Power Supply for I.T. Equipment
STDA45E-D00 Vitec-STDA45E-D00 Datasheet
436Kb / 2P
   50W Desktop Power Supply for Industrial Equipment
STDA45E-D00 Vitec-STDA45E-D00 Datasheet
436Kb / 2P
   50W Desktop Power Supply for Industrial Equipment
STDA45E-D01 Vitec-STDA45E-D01 Datasheet
436Kb / 2P
   50W Desktop Power Supply for Industrial Equipment
STDA45E-D01 Vitec-STDA45E-D01 Datasheet
436Kb / 2P
   50W Desktop Power Supply for Industrial Equipment
More results

Podobny opis - STDA45-S08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vitec Power
STDA46 Vitec-STDA46 Datasheet
373Kb / 2P
   50W Desktop Power Supply for I.T. Equipment
STDA45E Vitec-STDA45E Datasheet
439Kb / 2P
   50W Desktop Power Supply for I.T. Equipment
STDA20A Vitec-STDA20A Datasheet
389Kb / 2P
   20W Desktop Power Supply for I.T. Equipment
STDA25B Vitec-STDA25B Datasheet
390Kb / 2P
   25W Desktop Power Supply for I.T. Equipment
STDA80 Vitec-STDA80 Datasheet
374Kb / 2P
   80W Desktop Power Supply for I.T. Equipment
ITDA180I Vitec-ITDA180I Datasheet
372Kb / 2P
   180W Desktop Power Supply for I.T. Equipment
MTDA40A-SERIES Vitec-MTDA40A-SERIES Datasheet
406Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
STDA40-SERIES Vitec-STDA40-SERIES Datasheet
436Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
STDA40 Vitec-STDA40 Datasheet
436Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
STDA131 Vitec-STDA131 Datasheet
405Kb / 2P
   130W Desktop Power Supply for I.T. Equipment
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com