Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FC66150 Arkusz danych(PDF) 2 Page - First Components International

Numer części FC66150
Szczegółowy opis  Ultra Low - Droupout Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FCI [First Components International]
Strona internetowa  http://www.cotra.com.tw/
Logo FCI - First Components International

FC66150 Arkusz danych(HTML) 2 Page - First Components International

  FC66150 Datasheet HTML 1Page - First Components International FC66150 Datasheet HTML 2Page - First Components International FC66150 Datasheet HTML 3Page - First Components International FC66150 Datasheet HTML 4Page - First Components International FC66150 Datasheet HTML 5Page - First Components International FC66150 Datasheet HTML 6Page - First Components International FC66150 Datasheet HTML 7Page - First Components International FC66150 Datasheet HTML 8Page - First Components International FC66150 Datasheet HTML 9Page - First Components International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Pinout On all devices, the Tab is grounded.
GM66150/ Three Terminal
Pin 1 = Input, 2 = Ground, 3 = Output
GM66151/ Five Terminal (Fixed Voltage Devices)
Pin 1 = Enable, 2 = Input, 3 = Ground,
4 = Output, 5 = Flag
GM66152/ Adjustable with ON/ OFF Control
Pin 1 = Enable, 2 = Input, 3 = Ground,
4 = Output, 5 = Adjust
GM66153/ Adjustable with Flag
Pin 1 = Flag, 2 = Input, 3 = Ground,
4 = Output, 5 = Adjust
2
MARKING INFORMATION & PIN CONFIGURATIONS (TOP VIEW)
ORDERING INFORMATION
Package
Shipping
Ordering Number
Output Voltage
TO-263-2
TO-263-2
TO-263-2
TO-263-2
TO-220
TO-220
TO-220
TO-220
TO-252
TO-223
TO-252
TO-252
TO-223
TO-252
TO-263-2
TO-263-2
TO-263-2
TO-263-2
50 Units/ Tube
50 Units/ Tube
50 Units/ Tube
50 Units/ Tube
50 Units/ Tube
50 Units/ Tube
50 Units/ Tube
50 Units/ Tube
80 Units/ Tube
80 Units/ Tube
80 Units/ Tube
2,500 Units/ Tape & Reel
2,500 Units/ Tape & Reel
2,500 Units/ Tape & Reel
800 Units/ Tape & Reel
800 Units/ Tape & Reel
800 Units/ Tape &Reel
800 Units/ Tape &Reel
66150-1.8TA3T
66150-1.5TA3T
66150-2.5TA3T
66150-3.0TA3T
66150-1.8TB3T
66150-1.5TB3T
66150-2.5TB3T
66150-3.0TB3T
66150-2.5TC3T
66150-3.0ST3T
66150-3.0TC3T
66150-2.5TC3R
66150-3.0ST3R
66150-3.0TC3R
66150-1.8TA3R
66150-1.5TA3R
66150-2.5TA3R
66150-3.0TA3R
1.8V
1.5V
2.5V
3.0V
2.5V
3.0V
2.5V
3.0V
2.5V
3.0V
3.0V
2.5V
3.0V
3.0V
1.8V
1.5V
1.8V
1.5V
66150
TO-220- 5
66151
VVAYWW
1
V V,VVV = Output Voltage
(33=3.3V , 120=12V)
A
= Assembly Location
Y
= Year
W W
= Weekly
SOT-223
VIN
VOUT
GND
66150
VVAYWW
2
TO-263-5(D PAK)
66151
VVAYWW
1
TO-220- 5
6615X
AYWW
1
2
TO-263-5(D PAK)
6615X
AYWW
1
(For GM66152 and GM66153)
FC66150~3 1.5A Ultra Low - Droupout Voltage Regulator


Podobny numer części - FC66150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PANDUIT CORP.
FC6-12-10Y PANDUIT-FC6-12-10Y Datasheet
133Kb / 3P
   QuickNet MTP Fiber Optic Cassettes
FC6-12-3SY PANDUIT-FC6-12-3SY Datasheet
133Kb / 3P
   QuickNet MTP Fiber Optic Cassettes
FC6-12-3Y PANDUIT-FC6-12-3Y Datasheet
133Kb / 3P
   QuickNet MTP Fiber Optic Cassettes
FC6-24-10Y PANDUIT-FC6-24-10Y Datasheet
133Kb / 3P
   QuickNet MTP Fiber Optic Cassettes
FC6-6-3 PANDUIT-FC6-6-3 Datasheet
133Kb / 3P
   QuickNet MTP Fiber Optic Cassettes
More results

Podobny opis - FC66150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
First Components Intern...
FC6251 FCI-FC6251 Datasheet
174Kb / 12P
   250mA Ultra-Low Droupout Positive Voltage Regulator
logo
Unisonic Technologies
UR75XX UTC-UR75XX Datasheet
222Kb / 9P
   HIGH VOLTAGE , ULTRA LOW IQ VOLTAGE REGULATOR
UR71XX UTC-UR71XX Datasheet
234Kb / 8P
   HIGH VOLTAGE , ULTRA LOW IQ VOLTAGE REGULATOR
logo
New Japan Radio
NJM2863 NJRC-NJM2863 Datasheet
134Kb / 7P
   Ultra Low Noise Low Dropout Voltage Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036 Datasheet
167Kb / 7P
   Ultra-Low Quiescent Current Voltage Regulator
logo
Taiwan Semiconductor Co...
TS29152 TSC-TS29152_13 Datasheet
145Kb / 8P
   1.5A Ultra Low Dropout Voltage Regulator
logo
Texas Instruments
LM9036 TI-LM9036_15 Datasheet
964Kb / 15P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
logo
Sipex Corporation
SPX1582 SIPEX-SPX1582_06 Datasheet
204Kb / 7P
   3A Ultra Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS2940 TSC-TS2940_07 Datasheet
455Kb / 10P
   1A Ultra Low Dropout Voltage Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036_08 Datasheet
224Kb / 10P
   Ultra-Low Quiescent Current Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com