Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SC1623W Arkusz danych(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Numer części 2SC1623W
Szczegółowy opis  Silicon NPN transistor in a SOT-323 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Strona internetowa  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SC1623W Arkusz danych(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SC1623W Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC1623W Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC1623W Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC1623W Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC1623W Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC1623W Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SC1623W
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
50
V
Emitter to Base Voltage
VEBO
5.0
V
Collector Current - Continuous
IC
100
mA
Collector Power Dissipation
PC
150
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector Cut-Off Current
ICBO
VCB=60V
IE=0
0.1
μA
Emitter Base Cut-Off Current
IEBO
VEB=5.0V
IC=0
0.1
μA
DC Current Gain
hFE
VCE=6.0V
IC=1.0mA
90
200
600
Collector to Emitter Saturation
Voltage
VCE(sat) IC=100mA
IB=10mA
0.15
0.3
V
Base to Emitter Saturation Voltage
VBE(sat) IC=100mA
IB=10mA
0.86
1.0
V
Base to Emitter Voltage
VBE
VCE=6.0V
IC=1.0mA
0.55
0.62
0.65
V
Transition Frequency
fT
VCE=6.0V
IC=10mA
250
MHz
Collector Output Capacitance
Cob
VCB=6.0V
IE=0
f=1.0MHz
3.0
pF
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Podobny numer części - 2SC1623W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Galaxy Semi-Conductor H...
2SC1623W BILIN-2SC1623W Datasheet
193Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
2SC1623W BILIN-2SC1623W Datasheet
213Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
2SC1623W BILIN-2SC1623W_14 Datasheet
213Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
More results

Podobny opis - 2SC1623W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Foshan Blue Rocket Elec...
2SC4083 FOSHAN-2SC4083 Datasheet
580Kb / 5P
   Silicon NPN transistor in a SOT-323 Plastic Package
2SC4097 FOSHAN-2SC4097 Datasheet
756Kb / 6P
   Silicon NPN transistor in a SOT-323 Plastic Package
2SC4177 FOSHAN-2SC4177 Datasheet
855Kb / 6P
   Silicon NPN transistor in a SOT-323 Plastic Package
2SC4155A FOSHAN-2SC4155A Datasheet
922Kb / 6P
   Silicon NPN transistor in a SOT-323 Plastic Package
KTC4076 FOSHAN-KTC4076 Datasheet
747Kb / 6P
   Silicon NPN transistor in a SOT-323 Plastic Package
2SC4155 FOSHAN-2SC4155 Datasheet
930Kb / 6P
   Silicon NPN transistor in a SOT-323 Plastic Package
2SC3356W FOSHAN-2SC3356W Datasheet
653Kb / 6P
   Silicon NPN transistor in a SOT-323 Plastic Package
BFQ67W FOSHAN-BFQ67W Datasheet
766Kb / 6P
   Silicon NPN transistor in a SOT-323 Plastic Package
MMBT2222AW FOSHAN-MMBT2222AW Datasheet
1,004Kb / 6P
   Silicon NPN transistor in a SOT-323 Plastic Package
2SD1819A FOSHAN-2SD1819A Datasheet
814Kb / 6P
   Silicon NPN transistor in a SOT-323 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com