Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC87F0K08A Arkusz danych(PDF) 9 Page - ON Semiconductor

Numer części LC87F0K08A
Szczegółowy opis  8-bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F0K08A Arkusz danych(HTML) 9 Page - ON Semiconductor

Back Button LC87F0K08A Datasheet HTML 5Page - ON Semiconductor LC87F0K08A Datasheet HTML 6Page - ON Semiconductor LC87F0K08A Datasheet HTML 7Page - ON Semiconductor LC87F0K08A Datasheet HTML 8Page - ON Semiconductor LC87F0K08A Datasheet HTML 9Page - ON Semiconductor LC87F0K08A Datasheet HTML 10Page - ON Semiconductor LC87F0K08A Datasheet HTML 11Page - ON Semiconductor LC87F0K08A Datasheet HTML 12Page - ON Semiconductor LC87F0K08A Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LC87F0K08A
www.onsemi.com
9
Pin Function Chart
Pin Name
I/O
Description
Option
VSS1
 power supply pin
No
VDD1
power supply pin
No
Port 0
I/O
 8-bit I/O port
 I/O specifiable in 1 bit units
 Pull-up resistors can be turned on and off in 1 bit units.
 Pin functions
P04: INT4 input / HOLD release input / Timer 1 event input
/ Timer 0L capture input / Timer 0H capture input
P05: SIO1 data I/O / Bus I-O / UART transmit / System clock output
P06: SIO1 clock I/O / UART receive / Timer 6 toggle output
P07: INT3 input (with noise filter) / Timer 0 event input
Timer 0H capture input / Timer 7 toggle output
/ PPGO output (for monitor)
P00(AN0) to P04(AN4): AD convertor input port
Interrupt acknowledge type
Rising
Falling
Rising & Falling
H level
L level
INT3
INT4
X
X
X
X
Yes
P00 to P07
Port 3
I/O
 1-bit I/O port
 I/O specifiable in 1 bit units
 Pull-up resistors can be turned on and off in 1 bit units.
 Pin functions
P30: Buzzer output / Comparator output
Yes
P30
AMP1I
I
AMP1 input pin
No
AMP2O
O
AMP2 output pin
No
CMP1IA
I
CMP1 (
) input pin
No
CMP1IB
I
CMP1 (+) input pin
No
CMP2I
I
CMP2 (+) , CMP7 (+) input pin
No
CMP4I
I
CMP4 (+) input pin
No
CMP45I
I
CMP4 (
), CMP5 (+) input pin
No
CMP5I
I
CMP5 (
) input pin
No
CMP6I
I
CMP6(+) input pin
No
PPGO
O
PPG output port
Yes
RES#
I/O
External reset Input / internal reset output pin
No
OWP0
I/O
Debugger-dedicated pin
No
VDC
O
Regulator output pin
No
Port Output Types
The table below lists the types of port outputs and the presence/absence of a pull-up resistor.
Data can be read into any input port even if it is in the output mode.
Port Name
Option Selected
in Units of
Option Type
Output Type
Pull-up Resistor
P00 to P07
1 bit
1
CMOS
Programmable
2
N-channel open drain
Programmable
P30
1 bit
1
CMOS
Programmable
2
N-channel open drain
Programmable
PPGO
1
CMOS
No
2
N-channel open drain
No


Podobny numer części - LC87F0K08A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808 ONSEMI-LC87F0808 Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

Podobny opis - LC87F0K08A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com