Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP35-6 Arkusz danych(PDF) 1 Page - First Components International

Numer części TIP35-6
Szczegółowy opis  Complementary Silicon High Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FCI [First Components International]
Strona internetowa  http://www.cotra.com.tw/
Logo FCI - First Components International

TIP35-6 Arkusz danych(HTML) 1 Page - First Components International

  TIP35-6 Datasheet HTML 1Page - First Components International TIP35-6 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data Sheet
Ratings
Maximum Ratings
Collector - Emitter Voltage
Collector - Base Voltage
Emitter - Base Voltage
Collector Current
(Continuous)
(Peak) (Note 1)
Base Current
Unclamped Inductive Load
V
CEO
100
Vdc
V
CBO
100
Vdc
V
EBO
5.0
Vdc
I
C
25
Adc
40
I
B
5.0
Adc
E
SB
90
mJ
Symbol
Value
Units
Electrical Characteristics @ 25oC
Off Characteristic
Symbol
Min
Max
Unit
Collector - Emitter Sustaining Voltage (Note 1)
(I
C = 30 mAdc, IB = 0)
Collector - Emitter Cutoff Current
(V
CE = 60 Vdc, IB = 0)
Collector - Emitter Cutoff Current
(V
CE = 100 Vdc, VEB = 0)
Emitter - Base Cutoff Current
(V
EB = 5.0 Vdc, IC = 0)
V
CEO(sus)
100
---
Vdc
I
CEO
---
1.0
mAdc
I
CES
---
0.7
mAdc
I
EBO
---
1.0
mAdc
Notes:
(1) Pulse test: Pulse width = 10 ms, duty cycle < 10%.
Description
Complementary Silicon
High Power Transistor
Thermal Characteristics
Characteristic
Total Power Dissipation
T
C = 25
o
C
Derate above 25oC
Thermal Resistance (Junction to Case)
Thermal Resistance (Junction to Ambient)
Junction and Storage Temperature
P
D
125
Watts
1.0
W/oC
R
θJC
1.0
o
C/W
R
θJA
35.7
o
C/W
T
J, TSTG
-65 to 150
o
C
Symbol
Max
Units
TO-218
2
3
2
1
1. BASE
2. COLLECTOR
3. EMITTER


Podobny numer części - TIP35-6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
TIP35-S BOURNS-TIP35-S Datasheet
109Kb / 4P
   Designed for Complementary Use with the TIP36 Series
More results

Podobny opis - TIP35-6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
BD243C STMICROELECTRONICS-BD243C Datasheet
78Kb / 8P
   COMPLEMENTARY SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CJD340 CENTRAL-CJD340 Datasheet
453Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTOR
CJD32C CENTRAL-CJD32C Datasheet
126Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTOR
CJD200 CENTRAL-CJD200 Datasheet
486Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTOR
logo
Nell Semiconductor Co.,...
TIP31 NELLSEMI-TIP31 Datasheet
261Kb / 5P
   Complementary Silicon Power Transistor
logo
Central Semiconductor C...
2N6726 CENTRAL-2N6726 Datasheet
63Kb / 1P
   COMPLEMENTARY SILICON POWER TRANSISTOR
logo
ON Semiconductor
D45C12 ONSEMI-D45C12 Datasheet
78Kb / 3P
   Complementary Silicon Power Transistor
November, 2007 - Rev. 2
logo
Central Semiconductor C...
CJD41C CENTRAL-CJD41C Datasheet
126Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTOR
logo
STMicroelectronics
TIP41A STMICROELECTRONICS-TIP41A_05 Datasheet
205Kb / 10P
   COMPLEMENTARY SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CJD2955 CENTRAL-CJD2955 Datasheet
542Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTOR
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com