Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM4006 Arkusz danych(PDF) 2 Page - Formosa MS

Numer części SM4006
Szczegółowy opis  MELF General Purpose Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FORMOSA [Formosa MS]
Strona internetowa  http://www.formosams.com
Logo FORMOSA - Formosa MS

SM4006 Arkusz danych(HTML) 2 Page - Formosa MS

  SM4006 Datasheet HTML 1Page - Formosa MS SM4006 Datasheet HTML 2Page - Formosa MS SM4006 Datasheet HTML 3Page - Formosa MS SM4006 Datasheet HTML 4Page - Formosa MS SM4006 Datasheet HTML 5Page - Formosa MS SM4006 Datasheet HTML 6Page - Formosa MS SM4006 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Mechanical data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic, Melf / DO-213AB
Terminals :Plated terminals, solderable per MIL-STD-750,
Method 2026
Mounting Position : Any
Weight : Approximated 0.2 gram
Package outline
Page 2
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Thermal resistance
Diode junction capacitance
Storage temperature
See Fig.2
8.3ms single half sine-wave (JEDEC methode)
f=1MHz and applied 4V DC reverse voltage
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
R
θJA
C
J
T
STG
A
A
μA
OC/W
OC
pF
1.0
30
5.0
+175
-65
50
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@I =1.0A
F
O
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 125 C
R
RRM
J
Junction to ambient
15
50
Dimensions in inches and (millimeters)
DO-213AB
.105(2.7)
.095(2.4)
.205(5.2)
.190(4.8)
.024(.60)
.018(.46)
SOLDERABLE
ENDS
Formosa MS
SM4001 THRU SM4007
Features
Low profile surface mounted application in order to
optimize board space.
High current capability.
High surge capability.
Glass passivated chip junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Suffix "-H" indicates Halogen-free parts, ex. SM4001-H.
SM4001
SM4002
SM4003
35
70
140
50
100
200
-55 to +150
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
V
F
(V)
*4
SM4004
SM4005
280
420
400
600
1.10
800
1000
50
100
200
400
600
800
1000
560
700
SM4006
SM4007
1.0A Surface Mount General Purpose
Rectifiers - 50V-1000V
O
( C)
Operating
temperature
T ,
J
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-221102
2008/02/10
2010/03/10
C
7
Maximum ratings and Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
MELF General Purpose Rectifiers


Podobny numer części - SM4006

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rectron Semiconductor
SM4006 RECTRON-SM4006 Datasheet
21Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Galaxy Semi-Conductor H...
SM4006 BILIN-SM4006 Datasheet
198Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Shanghai Shunye Electro...
SM4006 SHUNYE-SM4006 Datasheet
115Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION
logo
Bytes
SM4006 BYTES-SM4006 Datasheet
149Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
UNIOHM CORPORATION
SM4006 UNIOHM-SM4006 Datasheet
63Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
More results

Podobny opis - SM4006

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Formosa MS
GL34A FORMOSA-GL34A_17 Datasheet
96Kb / 7P
   MINI-MELF General Purpose Rectifier
logo
Sensitron
1N5614 SENSITRON-1N5614_10 Datasheet
54Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5819-1 SENSITRON-1N5819-1 Datasheet
88Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5614 SENSITRON-1N5614 Datasheet
79Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5614 SENSITRON-1N5614_09 Datasheet
54Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
   GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
   General Purpose Rectifiers
logo
Shindengen Electric Mfg...
LN25XB60 SHINDENGEN-LN25XB60 Datasheet
178Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
Shenzhen Taychipst Elec...
BY251 TAYCHIPST-BY251 Datasheet
623Kb / 2P
   GENERAL PURPOSE RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com