Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FPR2-T227 Arkusz danych(PDF) 2 Page - Riedon Powertron

Numer części FPR2-T227
Szczegółowy opis  Foil Power Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RIEDON [Riedon Powertron]
Strona internetowa  http://www.riedon.com
Logo RIEDON - Riedon Powertron

FPR2-T227 Arkusz danych(HTML) 2 Page - Riedon Powertron

  FPR2-T227 Datasheet HTML 1Page - Riedon Powertron FPR2-T227 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
06/13
FPR FNR 2-T227 4-T227
Foil Power Resistors
Temperature Coefficient
Derating and Stability
Dimensions and Attachment Variations
Power Rating Notes -
The FPR/FNR Series Foil Resistors must be attached to a suit-
able heatsink. The maximum internal resistor temperature is
130°C for a 0.5% stability part.
To specify an appropriate heatsink use the following formula :
R
θH = TMAX - ( P x RθR ) - TA
P
Where: R
θH = Thermal Resistance of Heatsink ( K/W )
R
θR = Thermal Resistance of Resistor ( K/W )
T
MAX = Maximum Temperature of Resistor
T
A = Ambient Temperature of Heatsink ( °C )
P = Power Through Resistor ( W )
SPECIFICATIONS (continued)
FPR/FNR 2-T227
FPR/FNR 4-T227
Dimension
mm
tol.
(±mm)
inches
tol.
(±inches)
A
26
0.5
1.02
0.020
B
38
0.5
1.50
0.020
C
12.7
0.2
0.50
0.008
D
4
0.2
0.16
0.008
E
30
0.2
1.18
0.008
F
15
0.2
0.59
0.008
G
4.1
0.2
0.16
0.008
H
10
0.2
0.39
0.008
I
8
0.2
0.31
0.008
J
4
0.2
0.16
0.008
K
2
0.2
0.08
0.008
L
0.8
0.1
0.03
0.004
M
M4
M4
N
10
0.2
0.39
0.008
O
11.9
0.2
0.47
0.008
0
20
40
60
80
100
120
25
50
85
100
115
130
Temperature of the backplate (°C)
0.1%
0.2%
0.5%
-15ppm/°C
+15ppm/°C
Nominal ∆R/R
Limit 2 (3σ)
Limit 1 (3σ)
Temperature (°C)
4000
2000
0
-2000
-4000
-6000
-8000
-20
0
-40
80
140
120
100
60
20
40
100
Resistance Value (mOhm)
5
150
10
200
20
50
2
200
0
250
50 100
table A


Podobny numer części - FPR2-T227

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Riedon Powertron
FPR2-T227 RIEDON-FPR2-T227 Datasheet
360Kb / 2P
   Foil Power Resistors
FPR2-T227 RIEDON-FPR2-T227 Datasheet
221Kb / 2P
   Foil Power Resistors
FPR2-T227 RIEDON-FPR2-T227 Datasheet
221Kb / 2P
   Foil Power Resistors
FPR2-T227 RIEDON-FPR2-T227 Datasheet
221Kb / 2P
   Foil Power Resistors
FPR2-T227 RIEDON-FPR2-T227 Datasheet
221Kb / 2P
   Foil Power Resistors
More results

Podobny opis - FPR2-T227

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Riedon Powertron
FNR2E-0R025F1 RIEDON-FNR2E-0R025F1 Datasheet
221Kb / 2P
   Foil Power Resistors
FNR2E-0R15F1 RIEDON-FNR2E-0R15F1 Datasheet
221Kb / 2P
   Foil Power Resistors
FPR2-T227 RIEDON-FPR2-T227 Datasheet
360Kb / 2P
   Foil Power Resistors
FNR2E-0R02F1 RIEDON-FNR2E-0R02F1 Datasheet
221Kb / 2P
   Foil Power Resistors
FNR2E-0R5F1 RIEDON-FNR2E-0R5F1 Datasheet
221Kb / 2P
   Foil Power Resistors
FPR2-T227 RIEDON-FPR2-T227_13 Datasheet
221Kb / 2P
   Foil Power Resistors
FNR2E-0R015F1 RIEDON-FNR2E-0R015F1 Datasheet
221Kb / 2P
   Foil Power Resistors
FNR2E-0R01F1 RIEDON-FNR2E-0R01F1 Datasheet
221Kb / 2P
   Foil Power Resistors
FNR2E-3RF1 RIEDON-FNR2E-3RF1 Datasheet
221Kb / 2P
   Foil Power Resistors
USR2-0808 RIEDON-USR2-0808_15 Datasheet
185Kb / 2P
   Precision Foil Resistors
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com