Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMBD7000 Arkusz danych(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Numer części MMBD7000
Szczegółowy opis  Silicon Diode in a SOT-23 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Strona internetowa  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MMBD7000 Arkusz danych(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MMBD7000 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MMBD7000 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MMBD7000 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MMBD7000 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MMBD7000 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MMBD7000 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMBD7000
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Maximum Repetitive Reverse Voltage
VRRM
100
V
Breakdown Voltage
VR
100
V
Average Rectified Forward Current
IF
200
mA
Non-repetitive Peak Forward Surge Current
IFSM( t=1μS)
4.0
A
Power Dissipation
PD
330
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Breakdown Voltage
VR
IR=100μA
100
V
Forward Voltage
VF
IF=1.0mA
0.55
0.70
V
IF=10mA
0.67
0.82
V
IF=100mA
0.75
1.1
V
Instantaneous Reverse Current
IR
VR=50V
300
nA
VR=100V
500
nA
Total Capacitance
CT
VR=0
f=1.0MHz
2.0
pF
Reverse Recovery Time
trr
IF=IR=10mA
RL=100Ω
15
ns
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Podobny numer części - MMBD7000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zowie Technology Corpor...
MMBD7000 ZOWIE-MMBD7000 Datasheet
49Kb / 2P
   DUAL SWITCHING DIODE
logo
Diodes Incorporated
MMBD7000 DIODES-MMBD7000 Datasheet
100Kb / 5P
   DUAL SURFACE MOUNT SWITCHING DIODE
July 2012
logo
Galaxy Semi-Conductor H...
MMBD7000 BILIN-MMBD7000 Datasheet
189Kb / 3P
   Surface mount switching diode
logo
Guangdong Kexin Industr...
MMBD7000 KEXIN-MMBD7000 Datasheet
800Kb / 2P
   Switching Diodes
logo
Fairchild Semiconductor
MMBD7000 FAIRCHILD-MMBD7000 Datasheet
34Kb / 2P
   High Conductance Ultra Fast Diode
More results

Podobny opis - MMBD7000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Foshan Blue Rocket Elec...
MMBD914 FOSHAN-MMBD914 Datasheet
738Kb / 6P
   Silicon Diode in a SOT-23 Plastic Package
BAS19 FOSHAN-BAS19 Datasheet
620Kb / 6P
   Silicon Diode in a SOT-23 Plastic Package
BAS16 FOSHAN-BAS16 Datasheet
677Kb / 6P
   Silicon Diode in a SOT-23 Plastic Package
BAW56 FOSHAN-BAW56 Datasheet
645Kb / 6P
   Silicon Diode in a SOT-23 Plastic Package
BAV99 FOSHAN-BAV99 Datasheet
812Kb / 7P
   Silicon Diode in a SOT-23 Plastic Package
MMBD4148 FOSHAN-MMBD4148 Datasheet
730Kb / 6P
   Silicon Diode in a SOT-23 Plastic Package
BAV23A FOSHAN-BAV23A Datasheet
813Kb / 6P
   Silicon Diode in a SOT-23 Plastic Package
BAV70 FOSHAN-BAV70 Datasheet
809Kb / 6P
   Silicon Diode in a SOT-23 Plastic Package
BZX84C7V5 FOSHAN-BZX84C7V5 Datasheet
676Kb / 7P
   Zener Diode in a SOT-23 Plastic Package.
BZX84C8V2 FOSHAN-BZX84C8V2 Datasheet
676Kb / 7P
   Zener Diode in a SOT-23 Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com