Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

NTE1560 Arkusz danych(PDF) 1 Page - NTE Electronics

Numer części NTE1560
Szczegółowy opis  Integrated Circuit Phase Lock Loop (PLL) FM Stereo Multiplex Demodulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NTE [NTE Electronics]
Strona internetowa  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1560 Arkusz danych(HTML) 1 Page - NTE Electronics

  NTE1560 Datasheet HTML 1Page - NTE Electronics NTE1560 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1560
Integrated Circuit
Phase Lock Loop (PLL) FM Stereo
Multiplex Demodulator
Description:
The NTE1560 is an integrated circuit in a 16–Lead DIP type package designed for low voltage radio
and cassette tape recorders.
Features:
D LED Mis–Turning Protection Circuit at Transient Operation Voltage
D Provided with Forced Monaural and VCO Stop Circuits
D High Performance (Low Gain Loss, Low Distortion)
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Voltage, VCC
12V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Circuit Voltage, V6–7
12V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Circuit Current, I6
75mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
360mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, Topr
–20
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C, VCC = 6V unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Total Circuit Current
Itot
Vi = 0
9
13
17
mA
Separation
Sep
V(L + R) = 135mVrms, fm = 1kHz,
30
45
dB
Stereo Total Harmonic Distortion
THD
VP = 15mVrms
0.1
0.3
%
Monaural Harmonic Distortion
THD
Vi = 150mVrms, fm = 1kHz
0.1
0.3
%
Monaural Output Voltage
VO
125
145
170
mVrms
Monaural Channel Balance
CB
–1
0
+1
dB
Lamp Lighting ON Pilot Voltage
VP(ON)
Pilot Signal (19kHz)
4.5
6.0
8.5
mVrms


Html Pages

1  2 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn