Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD250 Arkusz danych(PDF) 2 Page - Sirectifier Semiconductors

Numer części SD250
Szczegółowy opis  Discrete Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIRECTIFIER [Sirectifier Semiconductors]
Strona internetowa  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SD250 Arkusz danych(HTML) 2 Page - Sirectifier Semiconductors

  SD250 Datasheet HTML 1Page - Sirectifier Semiconductors SD250 Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SD
Discrete Diodes
Maximum Forward Characteristics
1.
2.
Forward Voltage Drop(V)
10
10
Average Forward Current vs.
Power Dissipation
100
500
200
400
300
400
300
200
100
Average Forward Current(A)
Three Phase
Single Phase
D.C.
160
140
120
100
80
60
300
100
200
Average Forward Current vs.
Allowable Case Temperature
Average Forward Current(A)
Three Phase
Single Phase
D.C.
Cycle Surge Forward Current Rating
(Non-Repetitive)
Time(Cycles)
2000
4000
3000
5000
4500
3500
2500
10
20
50
100
60Hz
Tj=25℃ start
0.
0.
0.
0.
Transient Thermal Impedance
Time
t(sec)
10
-3
10
-2
10
10
10
-1
Junction to case
P2
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Podobny numer części - SD250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SD250-1 ETC1-SD250-1 Datasheet
144Kb / 2P
   Base/Gate Driver Transformers
logo
Coilcraft lnc.
SD250-1L COILCRAFT-SD250-1L Datasheet
78Kb / 1P
   Base/Gate Driver Transformers
SD250-1L COILCRAFT-SD250-1L Datasheet
450Kb / 2P
   Base/Gate Driver Transformers
SD250-1L COILCRAFT-SD250-1L_15 Datasheet
450Kb / 2P
   Base/Gate Driver Transformers
logo
List of Unclassifed Man...
SD250-2 ETC1-SD250-2 Datasheet
144Kb / 2P
   Base/Gate Driver Transformers
More results

Podobny opis - SD250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sirectifier Semiconduct...
SD30 SIRECTIFIER-SD30 Datasheet
202Kb / 2P
   Discrete Diodes
SDD25 SIRECTIFIER-SDD25 Datasheet
75Kb / 1P
   Discrete Diodes
SD45 SIRECTIFIER-SD45 Datasheet
109Kb / 2P
   Discrete Diodes
SDD10 SIRECTIFIER-SDD10 Datasheet
127Kb / 1P
   Discrete Diodes
SD10 SIRECTIFIER-SD10 Datasheet
225Kb / 2P
   Discrete Diodes
SD300 SIRECTIFIER-SD300 Datasheet
215Kb / 2P
   Discrete Diodes
SD400 SIRECTIFIER-SD400 Datasheet
342Kb / 2P
   Discrete Diodes
SD20 SIRECTIFIER-SD20 Datasheet
217Kb / 2P
   Discrete Diodes
SD30 SIRECTIFIER-SD30_16 Datasheet
212Kb / 2P
   Discrete Diodes
logo
International Rectifier
SD103R IRF-SD103R Datasheet
416Kb / 10P
   DISCRETE POWER DIODES and THYRISTORS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com