Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SD1484K Arkusz danych(PDF) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Numer części 2SD1484K
Szczegółowy opis  Silicon NPN transistor in a SOT-23 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Strona internetowa  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SD1484K Arkusz danych(HTML) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SD1484K Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1484K Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1484K Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1484K Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1484K Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1484K Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SD1484K
Rev.F Apr.-2017
DATA SHEET
http://www.fsbrec.com
3 / 6
电参数曲线图 / Electrical Characteristic Curve


Podobny numer części - 2SD1484K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
2SD1484K ROHM-2SD1484K Datasheet
42Kb / 3P
   Medium Power Transistor (50V, 0.5A)
logo
Guangdong Kexin Industr...
2SD1484K KEXIN-2SD1484K Datasheet
36Kb / 1P
   Medium Power Transistor
logo
Rohm
2SD1484K ROHM-2SD1484K Datasheet
67Kb / 3P
   Medium Power Transistor (50V,0.5A)
2SD1484K ROHM-2SD1484K Datasheet
112Kb / 3P
   Medium Power Transistor (50V,0.5A)
2SD1484KT146R ROHM-2SD1484KT146R Datasheet
81Kb / 3P
   Medium Power Transistor (50V,0.5A)
More results

Podobny opis - 2SD1484K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Foshan Blue Rocket Elec...
BCX70K FOSHAN-BCX70K Datasheet
1Mb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
KTC3881S FOSHAN-KTC3881S Datasheet
693Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
L8050M FOSHAN-L8050M Datasheet
783Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBR5179 FOSHAN-MMBR5179 Datasheet
600Kb / 5P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBT2222 FOSHAN-MMBT2222 Datasheet
817Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBT2222A FOSHAN-MMBT2222A Datasheet
879Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBT5089 FOSHAN-MMBT5089 Datasheet
633Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC1740M FOSHAN-2SC1740M Datasheet
760Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC2216M FOSHAN-2SC2216M Datasheet
804Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC2717M FOSHAN-2SC2717M Datasheet
873Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC3130 FOSHAN-2SC3130 Datasheet
609Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com