Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC847 Arkusz danych(PDF) 4 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Numer części BC847
Szczegółowy opis  Silicon NPN transistor in a SOT-23 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Strona internetowa  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BC847 Arkusz danych(HTML) 4 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BC847 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BC847 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BC847 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BC847 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BC847 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BC847 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BC847
Rev.FApr-2017
DATA SHEET
http://www.fsbrec.com
4 / 6
外形尺寸图 / Package Dimensions


Podobny numer części - BC847

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BC847 PHILIPS-BC847 Datasheet
131Kb / 18P
   45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
BC847 PHILIPS-BC847 Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
GUANGDONG HOTTECH INDUS...
BC847 HOTTECH-BC847 Datasheet
265Kb / 3P
   Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BC847 PHILIPS-BC847 Datasheet
84Kb / 13P
   45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
logo
Shenzhen Ping Sheng Ele...
BC847 PFS-BC847 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results

Podobny opis - BC847

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Foshan Blue Rocket Elec...
BCX70K FOSHAN-BCX70K Datasheet
1Mb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
KTC3881S FOSHAN-KTC3881S Datasheet
693Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
L8050M FOSHAN-L8050M Datasheet
783Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBR5179 FOSHAN-MMBR5179 Datasheet
600Kb / 5P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBT2222 FOSHAN-MMBT2222 Datasheet
817Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBT2222A FOSHAN-MMBT2222A Datasheet
879Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBT5089 FOSHAN-MMBT5089 Datasheet
633Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC1740M FOSHAN-2SC1740M Datasheet
760Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC2216M FOSHAN-2SC2216M Datasheet
804Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC2717M FOSHAN-2SC2717M Datasheet
873Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC3130 FOSHAN-2SC3130 Datasheet
609Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com