Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS114S08B Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS114S08B
Szczegółowy opis  Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS114S08B Arkusz danych(HTML) 3 Page - Texas Instruments

  ADS114S08B Datasheet HTML 1Page - Texas Instruments ADS114S08B Datasheet HTML 2Page - Texas Instruments ADS114S08B Datasheet HTML 3Page - Texas Instruments ADS114S08B Datasheet HTML 4Page - Texas Instruments ADS114S08B Datasheet HTML 5Page - Texas Instruments ADS114S08B Datasheet HTML 6Page - Texas Instruments ADS114S08B Datasheet HTML 7Page - Texas Instruments ADS114S08B Datasheet HTML 8Page - Texas Instruments ADS114S08B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 88 page
background image
1
AINCOM
24
REFCOM
2
AIN5
23
REFOUT
3
AIN4
22
GPIO0/AIN8
4
AIN3
21
GPIO1/AIN9
5
AIN2
20
GPIO2/AIN10
6
AIN1
19
GPIO3/AIN11
7
AIN0
18
RESET
8
START/SYNC
17
CLK
Not to scale
Thermal
Pad
1
AINCOM
24
REFCOM
2
AIN5
23
REFOUT
3
AIN4
22
GPIO0/AIN8
4
AIN3
21
GPIO1/AIN9
5
AIN2
20
GPIO2/AIN10
6
AIN1
19
GPIO3/AIN11
7
AIN0
18
RESET
8
START/SYNC
17
CLK
Not to scale
3
ADS114S06B, ADS114S08B
www.ti.com
SBAS852 – AUGUST 2017
Product Folder Links: ADS114S06B ADS114S08B
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Device Family Comparison Table
PRODUCT
RESOLUTION (Bits)
NUMBER OF INPUTS
ADS114S08B
16
12 analog inputs
ADS114S06B
16
6 analog inputs
6 Pin Configuration and Functions
RHB Package
32-Pin VQFN
Top View
PBS Package
32-Pin TQFP
Top View
NOTE: The analog input functions (AIN6–AIN11) are not available on pins 19 to 22, 31, and 32 for the ADS114S06B.


Podobny numer części - ADS114S08B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS114S08 TI1-ADS114S08 Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S08IPBS TI1-ADS114S08IPBS Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S08IPBSR TI1-ADS114S08IPBSR Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S08IRHBR TI1-ADS114S08IRHBR Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S08IRHBT TI1-ADS114S08IRHBT Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
More results

Podobny opis - ADS114S08B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS114S06 TI1-ADS114S06 Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
logo
Analog Devices
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-4 AD-ADFS7124-4 Datasheet
3Mb / 93P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
ADFS7124-8 AD-ADFS7124-8 Datasheet
2Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
logo
Microchip Technology
MCP3465R MICROCHIP-MCP3465R Datasheet
3Mb / 110P
   Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
Revision C April 2021
logo
Analog Devices
AD4129-8 AD-AD4129-8 Datasheet
3Mb / 105P
   32 μA, Ultra Low Power, 16-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com