Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CSD18511KTT Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części CSD18511KTT
Szczegółowy opis  40-V N-Channel NexFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18511KTT Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button CSD18511KTT Datasheet HTML 3Page - Texas Instruments CSD18511KTT Datasheet HTML 4Page - Texas Instruments CSD18511KTT Datasheet HTML 5Page - Texas Instruments CSD18511KTT Datasheet HTML 6Page - Texas Instruments CSD18511KTT Datasheet HTML 7Page - Texas Instruments CSD18511KTT Datasheet HTML 8Page - Texas Instruments CSD18511KTT Datasheet HTML 9Page - Texas Instruments CSD18511KTT Datasheet HTML 10Page - Texas Instruments CSD18511KTT Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
C
1.32
1.22
1.4
1.17
8.55
8.15
2X 5.08
2[.0]X
1.36
1.23
15.5
14.7
2[.0]X
0.9
0.77
4.7
4.4
0.25
0
0.25
GAGE PLANE
7.48
7.08
8
0
0.47
0.34
2.6
2
1.75 MAX
B
9.25
9.05
A
10.26
10.06
2.6
2
0.25
GAGE PLANE
1
0.25
C A
B
3
NOTE 3
EXPOSED
THERMAL PAD
OPTIONAL LEAD FORM
2
8
CSD18511KTT
SLPS684 – JULY 2017
www.ti.com
Product Folder Links: CSD18511KTT
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
7.1 KTT Package Dimensions
Notes:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning
and tolerancing per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Features may not exist and shape may vary per different assembly sites.
Table 1. Pin Configuration
POSITION
DESIGNATION
Pin 1
Gate
Pin 2 / Tab
Drain
Pin 3
Source


Podobny numer części - CSD18511KTT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
CSD18511KTT ISC-CSD18511KTT Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - CSD18511KTT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD18511KCS TI1-CSD18511KCS Datasheet
353Kb / 10P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD18510KCS TI1-CSD18510KCS Datasheet
526Kb / 13P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD18511Q5A TI1-CSD18511Q5A Datasheet
602Kb / 13P
[Old version datasheet]   CSD18511Q5A 40 V N-Channel NexFET Power MOSFET
CSD18513Q5A TI1-CSD18513Q5A Datasheet
608Kb / 13P
[Old version datasheet]   CSD18513Q5A 40-V N-Channel NexFET Power MOSFET
CSD18510KTT TI1-CSD18510KTT Datasheet
413Kb / 13P
[Old version datasheet]   CSD18510KTT 40-V N-Channel NexFET Power MOSFET
CSD18514Q5A TI1-CSD18514Q5A Datasheet
450Kb / 13P
[Old version datasheet]   CSD18514Q5A 40-V N-Channel NexFET Power MOSFET
CSD18512Q5B TI1-CSD18512Q5B Datasheet
659Kb / 13P
[Old version datasheet]   CSD18512Q5B 40 V N-Channel NexFET Power MOSFET
CSD18503KCS TI-CSD18503KCS Datasheet
740Kb / 8P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD18502Q5B TI-CSD18502Q5B Datasheet
1Mb / 12P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD18504KCS TI-CSD18504KCS Datasheet
299Kb / 8P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com