Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA1668 Arkusz danych(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Numer części 2SA1668
Szczegółowy opis  Silicon PNP transistor in a TO-220F Plastic Package.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Strona internetowa  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SA1668 Arkusz danych(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SA1668 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1668 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1668 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1668 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1668 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1668 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SA1668
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
-200
V
Collector to Emitter Voltage
VCEO
-200
V
Emitter to Base Voltage
VEBO
-6.0
V
Collector Current - Continuous
IC
-2.0
A
Base Current
IB
-1.0
A
Collector Power Dissipation
PC(Tc=25 )
25
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Base Breakdown
Voltage
VCEO
IC=-25mA
IE=0
-200
V
Collector Cut-Off Current
ICBO
VCB=-200V
IE=0
-10
μA
Emitter Cut-Off Current
IEBO
VEB=-6.0V
IC=0
-10
μA
DC Current Gain
hFE
VCE=-10V
IC=-700mA
60
200
Collector to Emitter Saturation
Voltage
VCE(sat) IC=-700mA
IB=-70mA
-1.0
V
Base to Emitter Saturation Voltage
VBE(sat) IC=-500mA
IB=-50mA
-0.9
-1.2
V
Transition Frequency
fT
VCE=-12V
IE=200mA
20
MHz
Collector output capacitance
Cob
VCB=-10V
f=1.0MHz
60
pF
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Podobny numer części - 2SA1668

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
2SA1668 ETC-2SA1668 Datasheet
24Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(TV Vertical Output, Audio Output Driver and General Purpose)
logo
Inchange Semiconductor ...
2SA1668 ISC-2SA1668 Datasheet
93Kb / 2P
   isc Silicon PNP Power Transistor
logo
Savantic, Inc.
2SA1668 SAVANTIC-2SA1668 Datasheet
244Kb / 4P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1668 JMNIC-2SA1668 Datasheet
210Kb / 4P
   Silicon PNP Power Transistors
logo
Sanken electric
2SA1668 SANKEN-2SA1668 Datasheet
24Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(TV Vertical Output, Audio Output Driver and General Purpose)
More results

Podobny opis - 2SA1668

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Foshan Blue Rocket Elec...
2SB940 FOSHAN-2SB940 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
2SB1375 FOSHAN-2SB1375 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
2SB1565 FOSHAN-2SB1565 Datasheet
744Kb / 5P
   Silicon PNP transistor in a TO-220F Plastic Package.
2SB941 FOSHAN-2SB941 Datasheet
826Kb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
2SA940A FOSHAN-2SA940A Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
2SA2050 FOSHAN-2SA2050 Datasheet
846Kb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
2SB1185 FOSHAN-2SB1185 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
3CA1837 FOSHAN-3CA1837 Datasheet
1,018Kb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
KTA1046 FOSHAN-KTA1046 Datasheet
912Kb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
KTA1658 FOSHAN-KTA1658 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com