Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP32B Arkusz danych(PDF) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Numer części TIP32B
Szczegółowy opis  Silicon PNP transistor in a TO-220 Plastic Package.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Strona internetowa  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

TIP32B Arkusz danych(HTML) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  TIP32B Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP32B Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP32B Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP32B Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP32B Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP32B Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TIP32
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
6 / 6
波峰焊温度曲线图(无铅) / Temperature Profile for Dip Soldering(Pb-Free)
说明:
Note:
1
、预热温度 25~150℃,时间 60~90sec;
1.Preheating:25~150
℃, Time:60~90sec.
2
、峰值温度 255±5℃,时间持续为 5±0.5sec;
2.Peak Temp.:255
±5℃, Duration:5±0.5sec.
3
、焊接制程冷却速度为 2~10℃/sec.
3. Cooling Speed: 2~10
℃/sec.
耐焊接热试验条件 /
Resistance to Soldering Heat Test Conditions
温度:270±5℃
时间:10±1 sec.
Temp.:270±5℃
Time:10±1 sec
包装规格 / Packaging SPEC.
散件包装 / BULK
Package Type
封装形式
Units 包装数量
Dimension 包装尺寸 (unit:mm
3)
Units/Bag
/袋
Bags/Inner Box
/盒
Units/Inner Box
/盒
Inner Boxes/Outer Box
/箱
Units/Outer Box
/箱
Bag 袋
Inner Box 盒
Outer Box 箱
TO-220/F
200
10
2,000
5
10,000
135×190
237×172×102
560×245×195
套管包装 / TUBE
Package Type
封装形式
Units 包装数量
Dimension 包装尺寸 (unit:mm
3)
Units/Tube
/套管
Tubes/Inner Box
套管
/盒
Units/Inner Box
/盒
Inner Boxes/Outer Box
/箱
Units/Outer Box
/箱
Tube 套管
Inner Box 盒
Outer Box 箱
TO-220/F
50
20
1,000
5
5,000
532×31.4×5.5
555×164×50
575×290×180
使用说明 / Notices


Podobny numer części - TIP32B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
TIP32B MOSPEC-TIP32B Datasheet
192Kb / 4P
   POWER TRANSISTORS(3A,40-100V,40W)
logo
SemiHow Co.,Ltd.
TIP32B SEMIHOW-TIP32B Datasheet
479Kb / 5P
   Medium Power Linear Switching Applications
logo
Jiangsu Changjiang Elec...
TIP32B JIANGSU-TIP32B Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Motorola, Inc
TIP32B MOTOROLA-TIP32B Datasheet
196Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
logo
Micro Commercial Compon...
TIP32B MCC-TIP32B Datasheet
125Kb / 2P
   Silicon PNP Power Transistors
More results

Podobny opis - TIP32B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Foshan Blue Rocket Elec...
MJE15033 FOSHAN-MJE15033 Datasheet
1,009Kb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
TIP32A FOSHAN-TIP32A Datasheet
904Kb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
TIP32C FOSHAN-TIP32C Datasheet
904Kb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
TIP127 FOSHAN-TIP127 Datasheet
883Kb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
2SA1010 FOSHAN-2SA1010 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
BD544 FOSHAN-BD544 Datasheet
887Kb / 7P
   Silicon PNP transistor in a TO-220 Plastic Package.
BD544A FOSHAN-BD544A Datasheet
887Kb / 7P
   Silicon PNP transistor in a TO-220 Plastic Package.
TIP32 FOSHAN-TIP32 Datasheet
904Kb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
2SA940 FOSHAN-2SA940 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
MJE2955T FOSHAN-MJE2955T Datasheet
882Kb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
TIP42C FOSHAN-TIP42C Datasheet
906Kb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com