Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP32B Arkusz danych(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Numer części TIP32B
Szczegółowy opis  Silicon PNP transistor in a TO-220 Plastic Package.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Strona internetowa  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

TIP32B Arkusz danych(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  TIP32B Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP32B Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP32B Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP32B Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP32B Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP32B Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TIP32
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
1 / 6
TO-220 塑封封装 PNP 半导体三极管。Silicon PNP transistor in a TO-220 Plastic Package.

与 TIP31 互补。
Complement to TIP31.
用于中功率线性开关放大。
Medium power linear switching applications.
PIN1
:Base
PIN 2
:Collector
PIN 3
:Emitter
放大及印章代码 / hFE Classifications & Marking
见印章说明。See Marking Instructions.
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
3
2
1


Podobny numer części - TIP32B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
TIP32B MOSPEC-TIP32B Datasheet
192Kb / 4P
   POWER TRANSISTORS(3A,40-100V,40W)
logo
SemiHow Co.,Ltd.
TIP32B SEMIHOW-TIP32B Datasheet
479Kb / 5P
   Medium Power Linear Switching Applications
logo
Jiangsu Changjiang Elec...
TIP32B JIANGSU-TIP32B Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Motorola, Inc
TIP32B MOTOROLA-TIP32B Datasheet
196Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
logo
Micro Commercial Compon...
TIP32B MCC-TIP32B Datasheet
125Kb / 2P
   Silicon PNP Power Transistors
More results

Podobny opis - TIP32B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Foshan Blue Rocket Elec...
MJE15033 FOSHAN-MJE15033 Datasheet
1,009Kb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
TIP32A FOSHAN-TIP32A Datasheet
904Kb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
TIP32C FOSHAN-TIP32C Datasheet
904Kb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
TIP127 FOSHAN-TIP127 Datasheet
883Kb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
2SA1010 FOSHAN-2SA1010 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
BD544 FOSHAN-BD544 Datasheet
887Kb / 7P
   Silicon PNP transistor in a TO-220 Plastic Package.
BD544A FOSHAN-BD544A Datasheet
887Kb / 7P
   Silicon PNP transistor in a TO-220 Plastic Package.
TIP32 FOSHAN-TIP32 Datasheet
904Kb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
2SA940 FOSHAN-2SA940 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
MJE2955T FOSHAN-MJE2955T Datasheet
882Kb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
TIP42C FOSHAN-TIP42C Datasheet
906Kb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com