Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW51C Arkusz danych(PDF) 1 Page - Seme LAB

Numer części BDW51C
Szczegółowy opis  Bipolar NPN Device
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEME-LAB [Seme LAB]
Strona internetowa  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BDW51C Arkusz danych(HTML) 1 Page - Seme LAB

  BDW51C Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BDW51C
Bipolar NPN Device.
V
CEO =
100V
I
C = 15A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications.
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
100
V
I
C(CONT)
15
A
h
FE
@ 4/5 (V
CE / IC)
20
150
-
f
t
3M
Hz
P
D
125
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
31-Jul-02
TO3 (TO204AA)
PINOUTS
1 – Base
2 – Emitter
Case - Collector
Bipolar NPN Device in a
Hermetically sealed TO3
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
12
3
(case)
25.15 (0.99)
26.67 (1.05)
10.67 (0.42)
11.18 (0.44)
3.84 (0.151)
4.09 (0.161)
7.92 (0.312)
12.70 (0.50)
6.35 (0.25)
9.15 (0.36)
1.52 (0.06)
3.43 (0.135)


Podobny numer części - BDW51C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
BDW51C CENTRAL-BDW51C Datasheet
53Kb / 1P
   Power Transistors
logo
Savantic, Inc.
BDW51C SAVANTIC-BDW51C Datasheet
110Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BDW51C ISC-BDW51C Datasheet
129Kb / 3P
   Silicon NPN Power Transistors
BDW51C ISC-BDW51C Datasheet
231Kb / 2P
   isc Silicon NPN Power Transistor
logo
Savantic, Inc.
BDW51C SAVANTIC-BDW51C Datasheet
111Kb / 3P
   Silicon NPN Power Transistors
More results

Podobny opis - BDW51C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
SF_BSX52 SEME-LAB-SF_BSX52 Datasheet
10Kb / 1P
   Bipolar NPN Device
SF_BUX16 SEME-LAB-SF_BUX16 Datasheet
11Kb / 1P
   Bipolar NPN Device
SF_BUX67 SEME-LAB-SF_BUX67 Datasheet
11Kb / 1P
   Bipolar NPN Device
SF_2N4895 SEME-LAB-SF_2N4895 Datasheet
11Kb / 1P
   Bipolar NPN Device
SF_2N6673 SEME-LAB-SF_2N6673 Datasheet
12Kb / 1P
   Bipolar NPN Device
BUL48B SEME-LAB-BUL48B Datasheet
14Kb / 1P
   Bipolar NPN Device.
SF_2N4924 SEME-LAB-SF_2N4924 Datasheet
11Kb / 1P
   Bipolar NPN Device
SF_2N6033 SEME-LAB-SF_2N6033 Datasheet
12Kb / 1P
   Bipolar NPN Device
SF_BSX21 SEME-LAB-SF_BSX21 Datasheet
10Kb / 1P
   Bipolar NPN Device
SF_2N6263 SEME-LAB-SF_2N6263 Datasheet
11Kb / 1P
   Bipolar NPN Device
SF_2N6465 SEME-LAB-SF_2N6465 Datasheet
10Kb / 1P
   Bipolar NPN Device
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com