Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SD1710A Arkusz danych(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Numer części 2SD1710A
Szczegółowy opis  Silicon NPN transistor in a TO-220 Plastic Package.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Strona internetowa  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SD1710A Arkusz danych(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SD1710A Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1710A Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1710A Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1710A Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1710A Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1710A Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SD1710A
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
900
V
Collector to Emitter Voltage
VCEO
500
V
Emitter to Base Voltage
VEBO
9.0
V
Collector Current - Continuous
IC
8.0
A
Peak Collector Current
ICM
12
A
Collector Power Dissipation
PC(Tc=25 )
50
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Base Breakdown
Voltage
VCBO
IC=1mA
IB=0
900
V
Collector to Emitter Breakdown
Voltage
VCEO
IC=10mA
IB=0
500
V
Collector Cut-Off Current
ICEO
VCE=500V
IE=0
250
μA
Emitter Cut-Off Current
IEBO
VEB=9V
IC=0
100
μA
Collector Cut-Off Current
ICBO
VCB=900V
IC=0
100
μA
DC Current Gain
hFE(1)
VCE=5.0V
IC=2.0A
25
40
hFE(2)
VCE=5.0V
IC=5.0A
8.0
Collector to Emitter Saturation
Voltage
VCE(sat)
IC=4.0A
IB=1.0A
5.0
V
Base to Emitter Saturation
Voltage
VBE(sat)
IC=4.0A
IB=1.0A
1.5
V
Transition Frequency
fT
VCE=5V
IC=0.1A
2.0
MHz
Fall Time
tS
VCC=125V
IC=5A
IB1=-IB2=0.8A
RL=50Ω
3.5
μs
Storage Time
tf
0.7
μs
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Podobny numer części - 2SD1710A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wing Shing Computer Com...
2SD1710 WINGS-2SD1710 Datasheet
59Kb / 1P
   Silicon Diffused Power Transistor
logo
Inchange Semiconductor ...
2SD1710 ISC-2SD1710 Datasheet
88Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1710 SAVANTIC-2SD1710 Datasheet
146Kb / 3P
   Silicon NPN Power Transistors
2SD1710 SAVANTIC-2SD1710 Datasheet
148Kb / 3P
   Silicon NPN Power Transistors
logo
Sanyo Semicon Device
2SD1710C SANYO-2SD1710C Datasheet
59Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor 500V / 7A Switching Regulator Applications
More results

Podobny opis - 2SD1710A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Foshan Blue Rocket Elec...
BU406 FOSHAN-BU406 Datasheet
1,017Kb / 7P
   Silicon NPN transistor in a TO-220 Plastic Package.
MJE15032 FOSHAN-MJE15032 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-220 Plastic Package.
MJE15036 FOSHAN-MJE15036 Datasheet
1,022Kb / 6P
   Silicon NPN transistor in a TO-220 Plastic Package.
TIP41 FOSHAN-TIP41 Datasheet
1,022Kb / 6P
   Silicon NPN transistor in a TO-220 Plastic Package.
2SC2654 FOSHAN-2SC2654 Datasheet
570Kb / 6P
   Silicon NPN transistor in a TO-220 Plastic Package.
MJE13009X7 FOSHAN-MJE13009X7 Datasheet
896Kb / 6P
   Silicon NPN transistor in a TO-220 Plastic Package
BUL5555 FOSHAN-BUL5555 Datasheet
916Kb / 6P
   Silicon NPN transistor in a TO-220 Plastic Package.
MJE13002I7 FOSHAN-MJE13002I7 Datasheet
1,014Kb / 6P
   Silicon NPN transistor in a TO-220 Plastic Package.
KTD1351 FOSHAN-KTD1351 Datasheet
957Kb / 6P
   Silicon NPN transistor in a TO-220 Plastic Package.
TIP122 FOSHAN-TIP122 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-220 Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com