Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KSB772 Arkusz danych(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Numer części KSB772
Szczegółowy opis  Silicon PNP transistor in a TO-126 Plastic Package.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Strona internetowa  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

KSB772 Arkusz danych(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  KSB772 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. KSB772 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. KSB772 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. KSB772 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. KSB772 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. KSB772 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KSB772
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
-40
V
Collector to Emitter Voltage
VCEO
-30
V
Emitter to Base Voltage
VEBO
-5.0
V
Collector Current - Continuous
IC
-3.0
A
Base Current - Continuous
IB
-0.6
A
Collector Power Dissipation
PC
1.0
W
Collector Power Dissipation
PC(TC=25 )
10
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector Cut-Off Current
ICBO
VCB=-30V
IE=0
-1.0
μA
Emitter Cut-Off Current
IEBO
VEB=-3.0V
IC=0
-1.0
μA
DC Current Gain
hFE(1)
VCE=-2.0V
IC=-1.0A
60
160
400
hFE(2)
VCE=-2.0V
IC=-20mA
30
220
Collector to Emitter Saturation
Voltage
VCE(sat) IC=-2.0A
IB=-0.2A
-0.3
-0.5
V
Base to Emitter Saturation Voltage
VBE(sat) IC=-2.0A
IB=-0.2A
-1.0
-2.0
V
Turn On Time
fT
VCE=-5.0V
IE=0.1A
80
MHz
Collector Output Capacitance
Cob
VCB=-10V
IE=0
f=1.0MHz
55
pF
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Podobny numer części - KSB772

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KSB772 SAMSUNG-KSB772 Datasheet
264Kb / 7P
   PNP (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
logo
Fairchild Semiconductor
KSB772 FAIRCHILD-KSB772 Datasheet
76Kb / 5P
   Audio Frequency Power Amplifier
KSB772G FAIRCHILD-KSB772G Datasheet
76Kb / 5P
   Audio Frequency Power Amplifier
KSB772O FAIRCHILD-KSB772O Datasheet
76Kb / 5P
   Audio Frequency Power Amplifier
KSB772R FAIRCHILD-KSB772R Datasheet
76Kb / 5P
   Audio Frequency Power Amplifier
More results

Podobny opis - KSB772

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Foshan Blue Rocket Elec...
2SB649A FOSHAN-2SB649A Datasheet
1,000Kb / 6P
   Silicon PNP transistor in a TO-126 Plastic Package
2SB649 FOSHAN-2SB649 Datasheet
1,009Kb / 6P
   Silicon PNP transistor in a TO-126 Plastic Package.
2SA1930S FOSHAN-2SA1930S Datasheet
922Kb / 6P
   Silicon PNP transistor in a TO-126 Plastic Package.
TIP127L FOSHAN-TIP127L Datasheet
844Kb / 6P
   Silicon PNP transistor in a TO-126 Plastic Package.
MJE253 FOSHAN-MJE253 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-126 Plastic Package.
2SD669 FOSHAN-2SD669 Datasheet
1,019Kb / 6P
   Silicon NPN transistor in a TO-126 Plastic Package.
2SD1609 FOSHAN-2SD1609 Datasheet
941Kb / 6P
   Silicon NPN transistor in a TO-126 Plastic Package.
MJE243 FOSHAN-MJE243 Datasheet
1,015Kb / 6P
   Silicon NPN transistor in a TO-126 Plastic Package.
KSD882 FOSHAN-KSD882 Datasheet
865Kb / 6P
   Silicon NPN transistor in a TO-126 Plastic Package.
TIP122L FOSHAN-TIP122L Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-126 Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com