Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA1507 Arkusz danych(PDF) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Numer części 2SA1507
Szczegółowy opis  Silicon PNP transistor in a TO-126F Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Strona internetowa  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SA1507 Arkusz danych(HTML) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SA1507 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1507 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1507 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1507 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1507 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1507 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SA1507
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
3 / 6
电参数曲线图 / Electrical Characteristic Curve


Podobny numer części - 2SA1507

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
2SA1507 SANYO-2SA1507 Datasheet
130Kb / 4P
   160V/1.5A Switching Applications
logo
Unisonic Technologies
2SA1507 UTC-2SA1507 Datasheet
166Kb / 5P
   SWITCHING TRANSISTOR
logo
Sanyo Semicon Device
2SA1507 SANYO-2SA1507 Datasheet
66Kb / 5P
   160V / 1.5A Switching Applications
2SA1507 SANYO-2SA1507 Datasheet
437Kb / 7P
   160V / 1.5A Switching Applications
logo
ON Semiconductor
2SA1507 ONSEMI-2SA1507 Datasheet
335Kb / 7P
   Bipolar Transistor
August, 2013
More results

Podobny opis - 2SA1507

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Foshan Blue Rocket Elec...
2SB631K FOSHAN-2SB631K Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package.
BD438 FOSHAN-BD438 Datasheet
874Kb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package.
BD136 FOSHAN-BD136 Datasheet
751Kb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package.
BD440 FOSHAN-BD440 Datasheet
921Kb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package.
2SB772 FOSHAN-2SB772 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package.
MJE350 FOSHAN-MJE350 Datasheet
862Kb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package.
KSA1156 FOSHAN-KSA1156 Datasheet
897Kb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package.
MJE172 FOSHAN-MJE172 Datasheet
759Kb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package.
MJE210 FOSHAN-MJE210 Datasheet
820Kb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package.
2SB1658 FOSHAN-2SB1658 Datasheet
832Kb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package
2SA715F FOSHAN-2SA715F Datasheet
926Kb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com