Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC31RF80 Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC31RF80
Szczegółowy opis  3-GSPS Telecom Receiver and Feedback Device
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC31RF80 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADC31RF80 Datasheet HTML 2Page - Texas Instruments ADC31RF80 Datasheet HTML 3Page - Texas Instruments ADC31RF80 Datasheet HTML 4Page - Texas Instruments ADC31RF80 Datasheet HTML 5Page - Texas Instruments ADC31RF80 Datasheet HTML 6Page - Texas Instruments ADC31RF80 Datasheet HTML 7Page - Texas Instruments ADC31RF80 Datasheet HTML 8Page - Texas Instruments ADC31RF80 Datasheet HTML 9Page - Texas Instruments ADC31RF80 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 136 page
background image
6
ADC31RF80
SBAS860 – AUGUST 2017
www.ti.com
Product Folder Links: ADC31RF80
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Full-scale signal is applied to the analog input; see the Power Consumption in Different Modes section for more details.
(2)
When used in dc-coupling mode, the common-mode voltage at the analog inputs should be kept within VCM ±25 mV for best
performance.
(3)
See Figure 79.
6.5 Electrical Characteristics
typical values are specified at an ambient temperature of 25°C; minimum and maximum values are specified over an ambient
temperature range of –40°C to +85°C; and chip sampling rate = 2949.12 MSPS, 50% clock duty cycle, DDC-bypassed
performance, AVDD19 = 1.9 V, AVDD = 1.15 V, DVDD = 1.15 V, –2-dBFS differential input, and 0-dB digital gain (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER CONSUMPTION (Divide-by-4, Complex Output Mode(1))
IAVDD19
1.9-V analog supply current
fS = 2949.12 MSPS
956
1439
mA
IAVDD
1.15-V analog supply current
fS = 2949.12 MSPS
499
813
mA
IDVDD
1.15-V digital supply current
fS = 2949.12 MSPS
975
1164
mA
PD
Power dissipation
fS = 2949.12 MSPS
3.51
4.71
W
Global power-down power
dissipation
245
mW
ANALOG INPUTS
Resolution
14
Bits
Differential input full-scale
1.35
VPP
VIC
Input common-mode voltage
1.2(2)
V
RIN
Input resistance
Differential resistance at dc
65
Ω
CIN
Input capacitance
Differential capacitance at dc
2
pF
VCM common-mode voltage output
1.2
V
Analog input bandwidth
(–3-dB point)
ADC driven with 50-Ω source
3200
MHz
CLOCK INPUT(3)
Input clock frequency
1.5
3
GSPS
Differential (peak-to-peak) input
clock amplitude
0.5
1.5
2.5
VPP
Input clock duty cycle
45%
50%
55%
Internal clock biasing
1.0
V
Internal clock termination
(differential)
100
Ω


Podobny numer części - ADC31RF80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MPS Industries, Inc.
ADC311 MPSIND-ADC311 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
ADC312 MPSIND-ADC312 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
ADC313 MPSIND-ADC313 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
ADC314 MPSIND-ADC314 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
ADC315 MPSIND-ADC315 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
More results

Podobny opis - ADC31RF80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC32RF80 TI1-ADC32RF80_16 Datasheet
8Mb / 136P
[Old version datasheet]   Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
ADC32RF80 TI-ADC32RF80_V01 Datasheet
8Mb / 138P
[Old version datasheet]   ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
ADC32RF82 TI1-ADC32RF82 Datasheet
7Mb / 151P
[Old version datasheet]   Dual-Channel, 2457.6-MSPS Telecom Receiver and Feedback Device
ADS58J64 TI1-ADS58J64 Datasheet
7Mb / 81P
[Old version datasheet]   Quad-Channel, 14-Bit, 1-GSPS Telecom Receiver Device
ADS58J64 TI1-ADS58J64_V01 Datasheet
8Mb / 84P
[Old version datasheet]   ADS58J64 Quad-Channel, 14-Bit, 1-GSPS Telecom Receiver Device
ADS58J63 TI1-ADS58J63 Datasheet
5Mb / 84P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS58J63 TI-ADS58J63_15 Datasheet
5Mb / 87P
[Old version datasheet]   ADS58J63 Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS58H40 TI1-ADS58H40_14 Datasheet
2Mb / 60P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS58H40 TI-ADS58H40_15 Datasheet
2Mb / 59P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS58H43 TI-ADS58H43 Datasheet
2Mb / 58P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com