Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KTB985 Arkusz danych(PDF) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Numer części KTB985
Szczegółowy opis  Silicon PNP transistor in a TO-92LM Plastic Package.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Strona internetowa  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

KTB985 Arkusz danych(HTML) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  KTB985 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. KTB985 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. KTB985 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. KTB985 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. KTB985 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. KTB985 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
KTB985
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
6 / 6
波峰焊温度曲线图(无铅) / Temperature Profile for Dip Soldering(Pb-Free)
说明:
Note:
1
、预热温度 25~150℃,时间 60~90sec;
1.Preheating:25~150
℃, Time:60~90sec.
2
、峰值温度 255±5℃,时间持续为 5±0.5sec;
2.Peak Temp.:255
±5℃, Duration:5±0.5sec.
3
、焊接制程冷却速度为 2~10℃/sec.
3. Cooling Speed: 2~10
℃/sec.
耐焊接热试验条件 /
Resistance to Soldering Heat Test Conditions
温度:270±5℃
时间:10±1 sec.
Temp.:270
±5℃
Time:10
±1 sec
包装规格 / Packaging SPEC.
散件包装 / BULK
Package Type
封装形式
Units 包装数量
Dimension 包装尺寸 (unit:mm3)
Units/Bag
/袋
Bags/Inner Box
/盒
Units/Inner Box
/盒
Inner Boxes/Outer Box
/箱
Units/Outer Box
/箱
Bag 袋
Inner Box 盒
Outer Box 箱
TO-92LM
1,000
8
8,000
5
40,000
135×190
237×172×102
560×245×195
编带包装 / AMMO
Package Type
封装形式
Units 包装数量
Dimension 包装尺寸 (unit:mm3)
Units/tape
/纸带
Tape/Inner Box
纸带
/盒
Rows/Inner Box
纸带层
/盒
Inner Boxes/Outer Box
/箱
Units/Outer Box
/箱
Inner Box 盒
Outer Box 箱
TO-92LM
2,500
1
100
10
25,000
328×230×42
小箱
480×346×235
大箱
547×407×268
使用说明 / Notices


Podobny numer części - KTB985

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KTB985 KEC-KTB985 Datasheet
88Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY DRIVERS LAMP DRIVER, ELECTRICAL EQUIPMENT)
KTB985 KEC-KTB985_15 Datasheet
371Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

Podobny opis - KTB985

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Foshan Blue Rocket Elec...
KTA1275 FOSHAN-KTA1275 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package.
2SA1208 FOSHAN-2SA1208 Datasheet
917Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
2SA1703 FOSHAN-2SA1703 Datasheet
866Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
2SB647 FOSHAN-2SB647 Datasheet
903Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
2SB647A FOSHAN-2SB647A Datasheet
903Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
2SB772L FOSHAN-2SB772L Datasheet
842Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
2SB1243 FOSHAN-2SB1243 Datasheet
807Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
2SA1160 FOSHAN-2SA1160 Datasheet
844Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
2SA683 FOSHAN-2SA683 Datasheet
783Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
2SA1020 FOSHAN-2SA1020 Datasheet
928Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
2SA1371 FOSHAN-2SA1371 Datasheet
943Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com