Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI104-470 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części SI104-470
Szczegółowy opis  SMT Power Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

SI104-470 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  SI104-470 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
L
DCR
I
PART NO.
(uH)
( ) MAX
(Adc)
RATED
SI104 - 100
10
0.053
2.4
SI104 - 120
12
0.061
2.2
SI104 - 150
15
0.070
1.9
SI104 - 180
18
0.081
1.8
SI104 - 220
22
0.088
1.6
SI104 - 270
27
0.100
1.5
SI104 - 330
33
0.120
1.3
SI104 - 390
39
0.151
1.2
SI104 - 470
47
0.170
1.1
SI104 - 560
56
0.199
1.0
SI104 - 680
68
0.223
0.91
SI104 - 820
82
0.252
0.85
SI104 - 101
100
0.344
0.74
SI104 - 121
120
0.396
0.69
SI104 - 151
150
0.544
0.61
SI104 - 181
180
0.621
0.56
SI104 - 221
220
0.721
0.53
SI104 - 271
270
0.949
0.45
SI104 - 331
330
1.100
0.42
SI104 - 391
390
1.245
0.38
SI104 - 471
470
1.526
0.35
SI104 - 561
560
1.904
0.32
Tolerance of inductance
10~560uH 10%
I
: rated current.
L<10%, T<45
at I
Operating temperature: -20
to 105
(including self-temperature rise)
o
Test condition at 25 C: 1KHz, 1V
oC
oo
CC
RATED
RATED
SMT Power Inductor
SI104 Type
Features
10.0
9.0
0.2
4.0
0.5
10.6
1.8
2.0
0 . 2
Low profile (4.5mm max. height) SMD type.
Unshielded.
Self-leads, suitable for high density
High energy storage and low DCR.
Provided with embossed carrier tape packing.
Ideal for power source circuits, DC-DC converter,
DC-AC inverters inductor application.
In addition to the standard versions shown here,
custom inductors are available to meet your exact requirements.
mounting.
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG)
8
Recommended Pad
0.00
0.01
0.10
1.00
10.00
CURRENT (A)
1.00
10.00
100.00
1000.00
561
471
391
331
271
221
181
151
121
101
820
680
560
470
390
330
270
220
180
150
120
100
Mechanical Dimension: Unit: mm
Electrical Characteristics:
252, SAN YING ROAD, KUEISAN INDUSTRIAL ZONE, TAOYUAN SHIEN, 333, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
http://www.deltaww.com


Podobny numer części - SI104-470

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Delta Electronics, Inc.
SI104-470K DELTA-SI104-470K Datasheet
145Kb / 1P
   SMT Power Inductor
More results

Podobny opis - SI104-470

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
logo
Delta Electronics, Inc.
SIL104-1R5 DELTA-SIL104-1R5 Datasheet
83Kb / 1P
   SMT Power Inductor
SIWC1365 DELTA-SIWC1365 Datasheet
97Kb / 1P
   SMT Power Inductor
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
   SMT Power Inductor
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
   SMT Power Inductor
logo
Delta Electronics, Inc.
HAL1345 DELTA-HAL1345 Datasheet
149Kb / 1P
   SMT Power Inductor
SIWC1350 DELTA-SIWC1350 Datasheet
96Kb / 1P
   SMT Power Inductor
SIQ1250R DELTA-SIQ1250R Datasheet
76Kb / 1P
   SMT Power Inductor
SIQ1055 DELTA-SIQ1055 Datasheet
211Kb / 1P
   SMT Power Inductor
SIQ126R DELTA-SIQ126R Datasheet
327Kb / 1P
   SMT Power Inductor
SIL530 DELTA-SIL530 Datasheet
92Kb / 1P
   SMT Power Inductor
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com