Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL3145 Arkusz danych(PDF) 7 Page - Zarlink Semiconductor Inc

Numer części SL3145
Szczegółowy opis  1.6GHz NPN TRANSISTOR ARRAYS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZARLINK [Zarlink Semiconductor Inc]
Strona internetowa  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL3145 Arkusz danych(HTML) 7 Page - Zarlink Semiconductor Inc

  SL3145 Datasheet HTML 1Page - Zarlink Semiconductor Inc SL3145 Datasheet HTML 2Page - Zarlink Semiconductor Inc SL3145 Datasheet HTML 3Page - Zarlink Semiconductor Inc SL3145 Datasheet HTML 4Page - Zarlink Semiconductor Inc SL3145 Datasheet HTML 5Page - Zarlink Semiconductor Inc SL3145 Datasheet HTML 6Page - Zarlink Semiconductor Inc SL3145 Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SL3145
HEADQUARTERS OPERATIONS
GEC PLESSEY SEMICONDUCTORS
Cheney Manor, Swindon,
Wiltshire SN2 2QW, United Kingdom.
Tel: (0793) 518000
Fax: (0793) 518411
GEC PLESSEY SEMICONDUCTORS
P.O. Box 660017
1500 Green Hills Road,
Scotts Valley, California 95067-0017,
United States of America.
Tel: (408) 438 2900
Fax: (408) 438 5576
CUSTOMER SERVICE CENTRES
• FRANCE & BENELUX Les Ulis Cedex Tel: (1) 64 46 23 45 Fax : (1) 64 46 06 07
• GERMANY Munich Tel: (089) 3609 06-0 Fax : (089) 3609 06-55
• ITALY Milan Tel: (02) 66040867 Fax: (02) 66040993
• JAPAN Tokyo Tel: (03) 5276-5501 Fax: (03) 5276-5510
• NORTH AMERICA Scotts Valley, USA Tel (408) 438 2900 Fax: (408) 438 7023.
• SOUTH EAST ASIA Singapore Tel: (65) 3827708 Fax: (65) 3828872
• SWEDEN Stockholm, Tel: 46 8 702 97 70 Fax: 46 8 640 47 36
• UK, EIRE, DENMARK, FINLAND & NORWAY
Swindon Tel: (0793) 518510 Fax : (0793) 518582
These are supported by Agents and Distributors in major countries world-wide.
© GEC Plessey Semiconductors 1994
This publication is issued to provide information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded
as a representation relating to the products or services concerned. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. The Company
reserves the right to alter without prior knowledge the specification, design or price of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute
any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information
and to ensure that any publication or data used is up to date and has not been superseded. These products are not suitable for use in any medical products whose failure to perform may result in significant injury
or death to the user. All products and materials are sold and services provided subject to the Company's conditions of sale, which are available on request.


Podobny numer części - SL3145

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Yangzhou yangjie electr...
SL310 YANGJIE-SL310 Datasheet
151Kb / 2P
   Schottky Rectifier
SL310 YANGJIE-SL310 Datasheet
152Kb / 2P
   Schottky Rectifier
logo
Galaxy Semi-Conductor H...
SL310 BILIN-SL310 Datasheet
547Kb / 4P
   Schottky Barrier Rectifiers
logo
DAESAN ELECTRONIC CORP.
SL310 DAESAN-SL310 Datasheet
495Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
RFE international
SL310 RFE-SL310 Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-04-2022
More results

Podobny opis - SL3145

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3096 INTERSIL-CA3096_04 Datasheet
434Kb / 15P
   NPN/PNP Transistor Arrays
CA3096 INTERSIL-CA3096 Datasheet
133Kb / 14P
   NPN/PNP Transistor Arrays
December 1997
logo
Infineon Technologies A...
BC846S INFINEON-BC846S_08 Datasheet
852Kb / 10P
   NPN Silicon AF Transistor Arrays
2008-05-06
logo
Intersil Corporation
CA3045 INTERSIL-CA3045 Datasheet
53Kb / 6P
   General Purpose NPN Transistor Arrays
September 1998
logo
Infineon Technologies A...
BC846SH6327XTSA1 INFINEON-BC846SH6327XTSA1 Datasheet
843Kb / 10P
   NPN Silicon AF Transistor Arrays
2012-04-04
BC846PN-E6327 INFINEON-BC846PN-E6327 Datasheet
853Kb / 10P
   NPN/PNP Silicon AF Transistor Arrays
2011-10-05
BC847PNE6327 INFINEON-BC847PNE6327 Datasheet
853Kb / 10P
   NPN/PNP Silicon AF Transistor Arrays
2011-10-05
logo
M/A-COM Technology Solu...
MRF16006 MA-COM-MRF16006 Datasheet
176Kb / 6P
   The RF Line NPN Silicon Power Transistor 6.0W , 1.6GHz, 28V
MRF16030 MA-COM-MRF16030 Datasheet
170Kb / 6P
   The RF Line NPN Silicon Power Transistor 30W, 1.6GHz, 28V
logo
Intersil Corporation
CA3081 INTERSIL-CA3081_01 Datasheet
150Kb / 6P
   General Purpose High Current NPN Transistor Arrays
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com