Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9650USVZR7-105EP Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD9650USVZR7-105EP
Szczegółowy opis  Dual 16-Bit, 105 MSPS, 1.8 V Analog-to-Digital Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9650USVZR7-105EP Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD9650USVZR7-105EP Datasheet HTML 4Page - Analog Devices AD9650USVZR7-105EP Datasheet HTML 5Page - Analog Devices AD9650USVZR7-105EP Datasheet HTML 6Page - Analog Devices AD9650USVZR7-105EP Datasheet HTML 7Page - Analog Devices AD9650USVZR7-105EP Datasheet HTML 8Page - Analog Devices AD9650USVZR7-105EP Datasheet HTML 9Page - Analog Devices AD9650USVZR7-105EP Datasheet HTML 10Page - Analog Devices AD9650USVZR7-105EP Datasheet HTML 11Page - Analog Devices AD9650USVZR7-105EP Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
AD9650-EP
Rev. 0 | Page 9 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. DNC = DO NOT CONNECT.
2. THE EXPOSED THERMAL PAD ON THE BOTTOM OF THE PACKAGE
PROVIDES THE ANALOG GROUND FOR THE PART. THIS EXPOSED
PAD MUST BE CONNECTED TO GROUND FOR PROPER OPERATION.
80 79 78 77 76
71 70 69 68 67 66 65
75 74 73 72
64 63 62 61
16
1
2
3
4
5
6
7
8
9
10
11
13
14
15
12
17
18
20
19
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
PIN 1
IDENTIFIER
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
DNC
DNC
CLK+
CLK–
SYNC
D0–
D0+
D1–
D1+
D2–
D2+
DRVDD
D3–
D3+
D4–
D4+
D5–
D5+
DNC
DNC
DNC
DNC
PDWN
OEB
CSB
SCLK/DFS
SDIO/DCS
OR+
OR–
D15+
D15–
D14+
D14–
DRVDD
D13+
D13–
D12+
D12–
DNC
DNC
AD9650-EP
TOP VIEW
(Not to Scale)
CONNECT EXPOSED PAD TO GROUND
Figure 6. Interleaved Parallel LVDS Pin Configuration (Top View)
Table 8. Pin Function Descriptions (Interleaved Parallel LVDS Mode)
Pin No.
Mnemonic
Type
Description
ADC Power Supplies
12, 25, 34, 47
DRVDD
Supply
Digital Output Driver Supply (1.8 V Nominal).
63, 64, 67, 68,
73, 74, 77, 78
AVDD
Supply
Analog Power Supply (1.8 V Nominal).
0
AGND,
Exposed Pad
Ground
The exposed thermal pad on the bottom of the package provides the analog ground
for the part. This exposed pad must be connected to ground for proper operation.
ADC Analog
65
VIN+A
Input
Differential Analog Input Pin (+) for Channel A.
66
VIN−A
Input
Differential Analog Input Pin (−) for Channel A.
76
VIN+B
Input
Differential Analog Input Pin (+) for Channel B.
75
VIN−B
Input
Differential Analog Input Pin (−) for Channel B.
69
VREF
Input/output
Voltage Reference Input/Output.
70
SENSE
Input
Voltage Reference Mode Select.
72
RBIAS
Input/output
External Reference Bias Resistor.
71
VCM
Output
Common-Mode Level Bias Output for Analog Inputs.
3
CLK+
Input
ADC Clock Input—True.
4
CLK−
Input
ADC Clock Input—Complement.
Digital Input
5
SYNC
Input
Digital Synchronization Pin. Slave mode only.


Podobny numer części - AD9650USVZR7-105EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9650 AD-AD9650 Datasheet
1Mb / 44P
   16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9650-105EBZ AD-AD9650-105EBZ Datasheet
1Mb / 44P
   16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9650-25EBZ AD-AD9650-25EBZ Datasheet
1Mb / 44P
   16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9650-65EBZ AD-AD9650-65EBZ Datasheet
1Mb / 44P
   16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9650-80EBZ AD-AD9650-80EBZ Datasheet
1Mb / 44P
   16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
More results

Podobny opis - AD9650USVZR7-105EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9265 AD-AD9265 Datasheet
2Mb / 44P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
AD9268 AD-AD9268 Datasheet
2Mb / 44P
   16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9648 AD-AD9648 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9627-11 AD-AD9627-11_15 Datasheet
4Mb / 72P
   11-Bit, 105 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9628 AD-AD9628_15 Datasheet
1Mb / 42P
   12-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9628 AD-AD9628 Datasheet
1,023Kb / 44P
   12-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9650 AD-AD9650 Datasheet
1Mb / 44P
   16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9608 AD-AD9608 Datasheet
1Mb / 40P
   10-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com