Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74LVTH574ZQNR Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części SN74LVTH574ZQNR
Szczegółowy opis  3.3V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP FLOPS WITH 3 STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74LVTH574ZQNR Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button SN74LVTH574ZQNR Datasheet HTML 2Page - Texas Instruments SN74LVTH574ZQNR Datasheet HTML 3Page - Texas Instruments SN74LVTH574ZQNR Datasheet HTML 4Page - Texas Instruments SN74LVTH574ZQNR Datasheet HTML 5Page - Texas Instruments SN74LVTH574ZQNR Datasheet HTML 6Page - Texas Instruments SN74LVTH574ZQNR Datasheet HTML 7Page - Texas Instruments SN74LVTH574ZQNR Datasheet HTML 8Page - Texas Instruments SN74LVTH574ZQNR Datasheet HTML 9Page - Texas Instruments SN74LVTH574ZQNR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SN54LVTH574, SN74LVTH574
3.3V ABT OCTAL EDGETRIGGERED DTYPE FLIPFLOPS
WITH 3STATE OUTPUTS
SCBS688G − MAY 1997 − REVISED SEPTEMBER 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
SN54LVTH574
SN74LVTH574
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
150
150
150
150
MHz
tw
Pulse duration, CLK high or low
3.3
3.3
3.3
3.3
ns
tsu
Setup time, data before CLK
2
2.4
2
2.4
ns
th
Hold time, data after CLK
0.9
0.9
0.3
0
ns
switching characteristics over recommended free-air temperature, CL = 50 pF (unless otherwise
noted) (see Figure 1)
SN54LVTH574
SN74LVTH574
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
TYP†
MAX
MIN
MAX
fmax
150
150
150
150
MHz
tPLH
CLK
Q
1.7
4.9
5.9
1.8
3
4.5
5.3
ns
tPHL
CLK
Q
1.7
4.9
5.5
1.8
3
4.5
5.3
ns
tPZH
OE
Q
1.4
5.1
6.5
1.5
3.2
4.8
5.9
ns
tPZL
OE
Q
1.4
5.1
6.1
1.5
3.5
4.8
5.9
ns
tPHZ
OE
Q
1
5.9
6.4
2
3.5
4.8
5.1
ns
tPLZ
OE
Q
0.8
4.8
5.3
2
3.2
4.4
4.4
ns
† All typical values are at VCC = 3.3 V, TA = 25°C.


Podobny numer części - SN74LVTH574ZQNR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVTH574ZQNR TI-SN74LVTH574ZQNR Datasheet
744Kb / 23P
[Old version datasheet]   3.3V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP FLOPS WITH 3 STATE OUTPUTS
SN74LVTH574ZQNR TI1-SN74LVTH574ZQNR Datasheet
1Mb / 25P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74LVTH574ZQNR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVTH574 TI-SN74LVTH574_07 Datasheet
744Kb / 23P
[Old version datasheet]   3.3V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP FLOPS WITH 3 STATE OUTPUTS
SN54LVT574 TI-SN54LVT574 Datasheet
470Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH574 TI1-SN54LVTH574_16 Datasheet
1Mb / 25P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH374 TI-SN54LVTH374 Datasheet
468Kb / 16P
[Old version datasheet]   3.3 V ABT OCTAL EDGE TRIGGERED D TYPE FLIP FLOPS WITH 3 STATE OUTPUTS
SN54LVTH574 TI-SN54LVTH574 Datasheet
94Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVT574 TI-SN54LVT574_06 Datasheet
460Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH374 TI-SN54LVTH374 Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH374 TI-SN54LVTH374_08 Datasheet
642Kb / 18P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH16374 TI-SN54LVTH16374 Datasheet
467Kb / 18P
[Old version datasheet]   3.3V ABT 16 BIT EDGE - TRIGGERED D TYPE FLIP FLOPS WITH 3 STATE OUTPUTS
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com