Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MV036F015M080-CB Arkusz danych(PDF) 7 Page - Vicor Corporation

Numer części MV036F015M080-CB
Szczegółowy opis  PRM짰 and VTM짰 Customer Evaluation Boards
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VICOR [Vicor Corporation]
Strona internetowa  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MV036F015M080-CB Arkusz danych(HTML) 7 Page - Vicor Corporation

  MV036F015M080-CB Datasheet HTML 1Page - Vicor Corporation MV036F015M080-CB Datasheet HTML 2Page - Vicor Corporation MV036F015M080-CB Datasheet HTML 3Page - Vicor Corporation MV036F015M080-CB Datasheet HTML 4Page - Vicor Corporation MV036F015M080-CB Datasheet HTML 5Page - Vicor Corporation MV036F015M080-CB Datasheet HTML 6Page - Vicor Corporation MV036F015M080-CB Datasheet HTML 7Page - Vicor Corporation MV036F015M080-CB Datasheet HTML 8Page - Vicor Corporation MV036F015M080-CB Datasheet HTML 9Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
UG:003
vicorpower.com
Applications Engineering: 800 927.9474
Page 7
VTM-CB (Figure 4)
The VTM® module provides the isolation stage and the output voltage step down. When paired with
the PRM the chip set forms a traditional DC-DC converter. The -CB board for the VTM is intended to
be used in conjunction with the PRM-CB; nevertheless, in order to test this standalone, it is possible to
inject a VC pulse as specified in the data sheet to the exposed lead from the header corresponding to
the VC pin. Refer to the board schematic Figure 5 for the appropriate pin(s.) An impedance
measurement may prove just as expeditious.
Board Overview
1
Source voltage input points (Item 1) are designed to accommodate #10 hardware and Panduit ring
lugs. BE CERTAIN POLARITY IS CORRECT BEFORE APPLYING POWER.
2
Input connector J01 (Item 2) mates with PRM-CB providing Vin and VC. As can be seen from the
following schematic there are four pins dedicated to the + In, four for the -In, and two for the
VC. Each contact is rated for 3 A. The excess capacity afforded by these pins can facilitate testing
multiple VTM-CBs from a single PRM-CB using an appropriate wiring harness and mating
connector. This may also be achieved using the large pads of Item 1.
Note: There is a removable male to male insert installed into this connector. This allows the
mate to be either gender which may be important depending upon the availability of connectors.
3
The Kelvin connection points for Vin and Vout (Item 3) are for use in efficiency measurements.
4
The scope jack (Item 4) is used to view output voltage parameters.
5
Output voltage points (Item 5) are designed to accommodate #10 hardware and Panduit
ring lugs.
1
2
3
4
5
3
Figure 4
VTM-CB


Podobny numer części - MV036F015M080-CB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vicor Corporation
MV036F015M080 VICOR-MV036F015M080 Datasheet
678Kb / 10P
   VTM Current Multiplier
MV036F015M080 VICOR-MV036F015M080 Datasheet
711Kb / 10P
   Transformer
MV036F015M080 VICOR-MV036F015M080 Datasheet
1Mb / 10P
   High density
MV036F015M080 VICOR-MV036F015M080 Datasheet
1Mb / 10P
   MV036 SERIES
More results

Podobny opis - MV036F015M080-CB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vicor Corporation
MVTD36BF360M003A00 VICOR-MVTD36BF360M003A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MP028F036M12AL-CB VICOR-MP028F036M12AL-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
V048F080T030-CB VICOR-V048F080T030-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MV036F011M100-CB VICOR-MV036F011M100-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
P045F048T32AL-CB VICOR-P045F048T32AL-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
VTD48EF480T006A00 VICOR-VTD48EF480T006A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
V048F060T040-CB VICOR-V048F060T040-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
VTD48EF020T080A00 VICOR-VTD48EF020T080A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
VTD48EH015T050A00 VICOR-VTD48EH015T050A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MV036F120M010-CB VICOR-MV036F120M010-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com