Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC55NEM208AFTN Arkusz danych(PDF) 7 Page - Toshiba Semiconductor

Numer części TC55NEM208AFTN
Szczegółowy opis  TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55NEM208AFTN Arkusz danych(HTML) 7 Page - Toshiba Semiconductor

Back Button TC55NEM208AFTN Datasheet HTML 2Page - Toshiba Semiconductor TC55NEM208AFTN Datasheet HTML 3Page - Toshiba Semiconductor TC55NEM208AFTN Datasheet HTML 4Page - Toshiba Semiconductor TC55NEM208AFTN Datasheet HTML 5Page - Toshiba Semiconductor TC55NEM208AFTN Datasheet HTML 6Page - Toshiba Semiconductor TC55NEM208AFTN Datasheet HTML 7Page - Toshiba Semiconductor TC55NEM208AFTN Datasheet HTML 8Page - Toshiba Semiconductor TC55NEM208AFTN Datasheet HTML 9Page - Toshiba Semiconductor TC55NEM208AFTN Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TC55NEM208AFPN/AFTN55,70
2002-09-18
7/10
DATA RETENTION CHARACTERISTICS (Ta
= −40° to 85°C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
VDH
Data Retention Supply Voltage
2.0
5.5
V
Ta
= −40~40°C
3
IDDS2
Standby Current
Ta
= −40~85°C
20
µA
tCDR
Chip Deselect to Data Retention Mode Time
0
ns
tR
Recovery Time
5
ms
CONTROLLED DATA RETENTION MODE
Note: When CE is operating at the VIH level (2.2V), the standby current is given by IDDS1 during the transition
of VDD from 4.5 to 2.4V.
CE
VDD
4.5 V
GND
VIH
DATA RETENTION MODE
tR
(See Note)
(See Note)
tCDR
VDD 0.2 V
CE


Podobny numer części - TC55NEM208AFTN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC55NEM208AFTV55 TOSHIBA-TC55NEM208AFTV55 Datasheet
120Kb / 11P
   524,288-WORD BY 8-BIT STATIC RAM
TC55NEM208AFTV70 TOSHIBA-TC55NEM208AFTV70 Datasheet
120Kb / 11P
   524,288-WORD BY 8-BIT STATIC RAM
More results

Podobny opis - TC55NEM208AFTN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC58DVG02A1FT00 TOSHIBA-TC58DVG02A1FT00 Datasheet
453Kb / 44P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58512FT TOSHIBA-TC58512FT Datasheet
420Kb / 43P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TH58100FT TOSHIBA-TH58100FT Datasheet
421Kb / 43P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC51WHM616AXBN70 TOSHIBA-TC51WHM616AXBN70 Datasheet
207Kb / 11P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM316AXBN40 TOSHIBA-TC55VEM316AXBN40 Datasheet
209Kb / 14P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VBM316AFTN TOSHIBA-TC55VBM316AFTN Datasheet
216Kb / 15P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NVG1S3BFT00 TOSHIBA-TC58NVG1S3BFT00 Datasheet
315Kb / 37P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VCM216ASTN40 TOSHIBA-TC55VCM216ASTN40 Datasheet
201Kb / 14P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM5T2AFT65 TOSHIBA-TC58FVM5T2AFT65 Datasheet
799Kb / 63P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com