Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK14C88-3R35 Arkusz danych(PDF) 10 Page - List of Unclassifed Manufacturers

Numer części STK14C88-3R35
Szczegółowy opis  32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

STK14C88-3R35 Arkusz danych(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button STK14C88-3R35 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14C88-3R35 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14C88-3R35 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14C88-3R35 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14C88-3R35 Datasheet HTML 9Page - List of Unclassifed Manufacturers STK14C88-3R35 Datasheet HTML 10Page - List of Unclassifed Manufacturers STK14C88-3R35 Datasheet HTML 11Page - List of Unclassifed Manufacturers STK14C88-3R35 Datasheet HTML 12Page - List of Unclassifed Manufacturers STK14C88-3R35 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
STK14C88-3
November 2003
10
Document Control # ML0015 rev 0.3
To operate in this mode the HSB pin should be con-
nected together to the HSB pins from the other
STK14C88-3s. An external pull-up resistor to + 3.3V
is required since HSB acts as an open drain pull
down. The V
CAP pins from the other STK14C88-3
parts can be tied together and share a single capac-
itor. The capacitor size must be scaled by the num-
ber of devices connected to it. When any one of the
STK14C88-3s detects a power loss and asserts
HSB, the common HSB pin will cause all parts to
request a STORE cycle (a STORE will take place in
those STK14C88-3s that have been written since
the last nonvolatile cycle).
During any STORE operation, regardless of how it
was initiated, the STK14C88-3 will continue to drive
the HSB pin low, releasing it only when the STORE is
complete. Upon completion of the STORE operation
the STK14C88-3 will remain disabled until the HSB
pin returns high.
If HSB is not used, it should be left unconnected.
HARDWARE PROTECT
The STK14C88-3 offers hardware protection against
inadvertent STORE operation and SRAM WRITEs dur-
ing low-voltage conditions. When V
CAP < VSWITCH, all
externally initiated STORE operations and SRAM
WRITE
s will be inhibited.
LOW AVERAGE ACTIVE POWER
The STK14C88-3 draws significantly less current
when it is cycled at times longer than 55ns. Figure 3
shows the relationship between I
CC and READ cycle
time. Worst-case current consumption is shown for
both CMOS and TTL input levels (commercial tem-
perature range, V
CC = 3.6V, 100% duty cycle on chip
enable). Figure 4 shows the same relationship for
WRITE
cycles. If the chip enable duty cycle is less
than 100%, only standby current is drawn when the
chip is disabled. The overall average current drawn
by the STK14C88-3 depends on the following items:
1) CMOS vs. TTL input levels; 2) the duty cycle of
chip enable; 3) the overall cycle rate for accesses;
4) the ratio of READs to WRITEs; 5) the operating
temperature; 6) the Vcc level; and 7) I/O loading.
Figure 3: Icc (max) Reads
Figure 4: Icc (max) Writes
0
10
20
30
40
50
50
100
150
200
Cycle Time (ns)
TTL
CMOS
0
10
20
30
40
50
50
100
150
200
Cycle Time (ns)
TTL
CMOS


Podobny numer części - STK14C88-3R35

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) AutoStore nvSRAM Unlimited Read/Write endurance
logo
Simtek Corporation
STK14C88-3NF35 SIMTEK-STK14C88-3NF35 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
More results

Podobny opis - STK14C88-3R35

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK16C88 ETC1-STK16C88 Datasheet
197Kb / 10P
   32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C88-3 SIMTEK-STK11C88-3 Datasheet
366Kb / 10P
   32K x 8 nvSRAM 3.3V QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK16C88-3 ETC1-STK16C88-3 Datasheet
319Kb / 11P
   32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com