Zakładka z wyszukiwarką danych komponentów |
|
STK14C88-3NF35 Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers |
|
STK14C88-3NF35 Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 13 page STK14C88-3 November 2003 2 Document Control # ML0015 rev 0.3 ABSOLUTE MAXIMUM RATINGSa Voltage on Input Relative to Ground . . . . . . . . . . . . . –0.5V to 4.5V Voltage on Input Relative to VSS . . . . . . . . . .–0.6V to (VCC + 0.5V) Voltage on DQ0-7 or HSB . . . . . . . . . . . . . . . .–0.5V to (VCC + 0.5V) Temperature under Bias. . . . . . . . . . . . . . . . . . . . . .–55 °C to 125°C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .–65 °C to 150°C Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W DC Output Current (1 output at a time, 1s duration) . . . . . . . 15mA Note a: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only, and functional operation of the device at con- ditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rat- ing conditions for extended periods may affect reliability. DC CHARACTERISTICS (VCC = 3.0V-3.6V)e Note b: ICC 1 and ICC 3 are dependent on output loading and cycle rate. The specified values are obtained with outputs unloaded. Note c: ICC 2 and ICC 4 are the average currents required for the duration of the respective STORE cycles (tSTORE ). Note d: E ≥ VIH will not produce standby current levels until any nonvolatile cycle in progress has timed out. Note e: VCC reference levels throughout this datasheet refer to VCCX. SYMBOL PARAMETER COMMERCIAL INDUSTRIAL UNITS NOTES MIN MAX MIN MAX ICC 1 b Average VCC Current 50 42 37 52 44 39 mA mA mA tAVAV = 35ns tAVAV = 45ns tAVAV = 55ns ICC 2 c Average VCC Current during STORE 3 3 mA All Inputs Don’t Care, VCC = max ICC 3 b Average VCC Current at tAVAV = 200ns 5V, 25°C, Typical 99 mA W ≥ (V CC– 0.2V) All Others Cycling, CMOS Levels ICC 4 c Average VCAP Current during AutoStore™ Cycle 22 mA All Inputs Don’t Care ISB 1 d Average VCC Current (Standby, Cycling TTL Input Levels) 18 16 15 19 17 16 mA mA mA tAVAV = 35ns, E ≥ VIH tAVAV = 45ns, E ≥ VIH tAVAV = 55ns, E ≥ VIH ISB 2 d VCC Standby Current (Standby, Stable CMOS Input Levels) 11 mA E ≥ (V CC– 0.2V) All Others VIN ≤ 0.2V or ≥ (VCC – 0.2V) IILK Input Leakage Current ±1 ±1 µA VCC = max VIN = VSS to VCC IOLK Off-State Output Leakage Current ±1 ±1 µA VCC = max VIN = VSS to VCC, E or G ≥ VIH VIH Input Logic “1” Voltage 2.2 VCC + .5 2.2 VCC + .5 V All Inputs VIL Input Logic “0” Voltage VSS – .5 0.8 VSS – .5 0.8 V All Inputs VOH Output Logic “1” Voltage 2.4 2.4 V IOUT =– 4mA except HSB VOL Output Logic “0” Voltage 0.4 0.4 V IOUT = 8mA except HSB VBL Logic “0” Voltage on HSB Output 0.4 0.4 V IOUT = 3mA TA Operating Temperature 0 70 –40 85 °C AC TEST CONDITIONS CAPACITANCEf (TA = 25°C, f = 1.0MHz) Note f: These parameters are guaranteed but not tested. Input Pulse Levels . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0V to 3V Input Rise and Fall Times . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ≤ 5ns Input and Output Timing Reference Levels . . . . . . . . . . . . . . . 1.5V Output Load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Figure 1 SYMBOL PARAMETER MAX UNITS CONDITIONS CIN Input Capacitance 5 pF ∆V = 0 to 3V COUT Output Capacitance 7 pF ∆V = 0 to 3V Figure 1 : AC Output Loading 317 Ohms 30 pF 351 Ohms 3.3V INCLUDING SCOPE AND OUTPUT FIXTURE |
Podobny numer części - STK14C88-3NF35 |
|
Podobny opis - STK14C88-3NF35 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |