Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL16PNP100A Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części TL16PNP100A
Szczegółowy opis  STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TL16PNP100A Arkusz danych(HTML) 4 Page - Texas Instruments

  TL16PNP100A Datasheet HTML 1Page - Texas Instruments TL16PNP100A Datasheet HTML 2Page - Texas Instruments TL16PNP100A Datasheet HTML 3Page - Texas Instruments TL16PNP100A Datasheet HTML 4Page - Texas Instruments TL16PNP100A Datasheet HTML 5Page - Texas Instruments TL16PNP100A Datasheet HTML 6Page - Texas Instruments TL16PNP100A Datasheet HTML 7Page - Texas Instruments TL16PNP100A Datasheet HTML 8Page - Texas Instruments TL16PNP100A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TL16PNP100A
STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
SLLS200C – MARCH 1995 – REVISED SEPTEMBER 1997
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description
block size
This device generates read instructions for the EEPROM. Read transactions consist of read opcode, address
and data cycles. Data cycles are comprised of 2-byte DATA. After power up resets, this device reads the
programmable block size value from address zero in the EEPROM. Data [15:13] carries the block size
information for logical device 0. Data [11–9] carries the block size information for the logical device 1 (see Table
1).
Table 1. Block Size
DATA [15:13]/[11:9]
BLOCK SIZE
(Bytes)
ADDRESS BITS DECODED
000
1
A9–A0
001
2
A9–A1
010
4
A9–A2
100
8
A9–A3
111
16 (default)
A9–A4
EEPROM signal description
This device interfaces to SGS-Thomson’s compatible EEPROM 2-Kbit ST93C56 or 4-Kbit ST93C66. After
completion of the configuration sequence, it allows an optional on-board controller to access the EEPROM.
During and after reset, TL16PNP100A gains access to the EEPROM by asserting EEPROM low, informing the
optional on-board controller that it is accessing the EEPROM. After the configuration is complete, the device
leaves the configuration mode, is activated, and is in the wait-for-key state. The EEPROM signal is then
released and pulled high, SIO is released and pulled down, and SCS and SCLK are placed in the
high-impedance state and pulled down.
NOTE
When the device enters the configuration mode again and leaves the wait-for-key state, it gains
direct access to the EEPROM after the EEPROM signal is released. The wake command generates
a read transaction from address 0
×1, which is the beginning of the resource data of the card.
When the EEPROM signal is released, the interface of the EEPROM is idle. The TL16PNP100A
drives the EEPROM signal low when the device enters the configuration mode again.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range at any input, VI
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 10 seconds: FN package
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.


Podobny numer części - TL16PNP100A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL16PNP100A TI1-TL16PNP100A Datasheet
310Kb / 21P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY
TL16PNP100AFN TI1-TL16PNP100AFN Datasheet
310Kb / 21P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY
TL16PNP100AFNR TI1-TL16PNP100AFNR Datasheet
310Kb / 21P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY
TL16PNP100APT TI1-TL16PNP100APT Datasheet
310Kb / 21P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY
TL16PNP100A TI1-TL16PNP100A_05 Datasheet
310Kb / 21P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY
More results

Podobny opis - TL16PNP100A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL16PNP200A TI1-TL16PNP200A Datasheet
340Kb / 10P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
TL16PNP200 TI1-TL16PNP200 Datasheet
323Kb / 23P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
TL16PNP100A TI1-TL16PNP100A_05 Datasheet
310Kb / 21P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY
logo
List of Unclassifed Man...
82C931 ETC-82C931 Datasheet
634Kb / 64P
   Plug and Play Integrated Audio Controller
logo
Cirrus Logic
CS8920A CIRRUS-CS8920A Datasheet
1Mb / 144P
   CRYSTAL LAN ISA PLUG-AND-PLAY ETHERNET CONTROLLER
logo
SMSC Corporation
FDC37C93X SMSC-FDC37C93X Datasheet
650Kb / 203P
   Plug and Play Compatible Ultra I/O Controller
logo
Davicom Semiconductor, ...
DM9008F DAVICOM-DM9008F Datasheet
34Kb / 2P
   ISA/Plug & Play Super Ethernet Controller
logo
Texas Instruments
TL16PNP550A TI-TL16PNP550A Datasheet
553Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
logo
Exar Corporation
XR16C872 EXAR-XR16C872 Datasheet
347Kb / 60P
   DUAL UART WITH 1284 PARALLEL PORT AND PLUG-AND-PLAY CONTROLLER
logo
Texas Instruments
TL16PNP550A TI1-TL16PNP550A_08 Datasheet
558Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com