Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL7733BCD Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części TL7733BCD
Szczegółowy opis  SUPPLY-VOLTAGE SUPERVISORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TL7733BCD Arkusz danych(HTML) 5 Page - Texas Instruments

  TL7733BCD Datasheet HTML 1Page - Texas Instruments TL7733BCD Datasheet HTML 2Page - Texas Instruments TL7733BCD Datasheet HTML 3Page - Texas Instruments TL7733BCD Datasheet HTML 4Page - Texas Instruments TL7733BCD Datasheet HTML 5Page - Texas Instruments TL7733BCD Datasheet HTML 6Page - Texas Instruments TL7733BCD Datasheet HTML 7Page - Texas Instruments TL7733BCD Datasheet HTML 8Page - Texas Instruments TL7733BCD Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TL7702B, TL7705B, TL7733B
SUPPLY-VOLTAGE SUPERVISORS
SLVS037M – SEPTEMBER 1989 – REVISED MAY 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TL77xxBC
TL77xxBI
TL7705BQ
UNIT
MIN
TYP
MAX
VOH
High-level output voltage, RESET
IOH = –16 mA
VCC–1.5
V
VOL
Low-level output voltage, RESET
IOL = 16 mA
0.4
V
Vref
Reference voltage, REF
Iref = –500 µA,
TA = 25°C
2.48
2.53
2.58
V
TL7702B
2.505
2.53
2.555
TL7705B
TA = 25°C
4.5
4.55
4.6
VIT
Negative-going
input threshold voltage
TL7733B
3.03
3.08
3.13
V
VIT–
input threshold voltage
at SENSE input
TL7702B
2.48
2.53
2.58
V
at SENSE in ut
TL7705B
TA = full range‡
4.45
4.55
4.65
TL7733B
A
g
3
3.08
3.16
H
t
i
SENSE
TL7702B
10
Vhys
Hysteresis, SENSE
(VIT+ – VIT )
TL7705B
VCC = 3.6 V to 18 V,
TA = 25°C
30
mV
y
(VIT+ – VIT–)
TL7733B
10
Vres§
Power-up reset voltage
IOL at RESET = 2 mA,
TA = 25°C
1
V
II
Input current
RESIN
VI = 0.4 V to VCC
–10
µA
II
Input current
SENSE
TL7702B
VI = Vref to 18 V
–0.1
–2
µA
IOH
High-level output current, RESET
VO = 18 V,
See Figure 1
50
µA
IOL
Low-level output current, RESET
VO = 0 V,
See Figure 1
–50
µA
ICC
Supply current
VSENSE = 15 V,
RESIN
≥ 2 V
1.8
3
mA
ICC
Supply current
VCC = 18 V,
TA = full range‡
3.5
mA
† All electrical characteristics are measured with 0.1-
µF capacitors connected at REF, CT, and VCC to GND.
‡ Full range is 0
°C to 70°C for the C-suffix devices, –40°C to 85°C for the I-suffix devices, and –40°C to 125°C for the Q-suffix device.
§ This is the lowest voltage at which RESET becomes active.
switching characteristics, VCC = 5 V, CT open, TA = 25°C
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
TL77xxBC
TL77xxBI
TL7705BQ
UNIT
()
()
MIN
TYP
MAX
tPLH
Propagation delay time from
low- to high-level output
RESIN
RESET
See Figures 1, 2, and 3
270
500
ns
tPHL
Propagation delay time from
high- to low-level output
RESIN
RESET
See Figures 1, 2, and 3
270
500
ns
t
Effective pulse duration
RESIN
See Figure 2
150
ns
tw
Effective pulse duration
SENSE
See Figure 2
100
ns
tr
Rise time
RESET
See Figures 1 and 3
75
ns
tf
Fall time
RESET
See Figures 1 and 3
150
200
ns
tr
Rise time
RESET
See Figures 1 and 3
75
150
ns
tf
Fall time
RESET
See Figures 1 and 3
50
ns
The TL7705BM is obsolete
and no longer is supplied.


Podobny numer części - TL7733BCD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL7733BCD TI-TL7733BCD Datasheet
388Kb / 18P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7733BCD TI-TL7733BCD Datasheet
577Kb / 20P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7733BCDE4 TI-TL7733BCDE4 Datasheet
388Kb / 18P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7733BCDE4 TI-TL7733BCDE4 Datasheet
577Kb / 20P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7733BCDG4 TI-TL7733BCDG4 Datasheet
577Kb / 20P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
More results

Podobny opis - TL7733BCD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL7702B TI-TL7702B_06 Datasheet
388Kb / 18P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7759 TI-TL7759_06 Datasheet
257Kb / 12P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A Datasheet
140Kb / 10P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B Datasheet
159Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_10 Datasheet
552Kb / 21P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_08 Datasheet
577Kb / 20P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_03 Datasheet
346Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
logo
STMicroelectronics
TL7700A STMICROELECTRONICS-TL7700A Datasheet
50Kb / 7P
   SUPPLY VOLTAGE SUPERVISORS
logo
Texas Instruments
TL7759 TI-TL7759 Datasheet
87Kb / 6P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
logo
STMicroelectronics
TL7700 STMICROELECTRONICS-TL7700 Datasheet
67Kb / 7P
   SUPPLY VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com